Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A6278ELWTR-T Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A6278ELWTR-T
Description  Serial-Input Constant-Current Latched LED Drivers with Open LED Detection
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6278ELWTR-T Datasheet(HTML) 1 Page - Allegro MicroSystems

  A6278ELWTR-T Datasheet HTML 1Page - Allegro MicroSystems A6278ELWTR-T Datasheet HTML 2Page - Allegro MicroSystems A6278ELWTR-T Datasheet HTML 3Page - Allegro MicroSystems A6278ELWTR-T Datasheet HTML 4Page - Allegro MicroSystems A6278ELWTR-T Datasheet HTML 5Page - Allegro MicroSystems A6278ELWTR-T Datasheet HTML 6Page - Allegro MicroSystems A6278ELWTR-T Datasheet HTML 7Page - Allegro MicroSystems A6278ELWTR-T Datasheet HTML 8Page - Allegro MicroSystems A6278ELWTR-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Description
The A6278 and A6279 devices are specifically designed for
LED display applications. Each of these BiCMOS devices
includes a CMOS shift register, accompanying data latches,
and NPN constant-current sink drivers. The A6278 contains
8 sink drivers, while there are 16 in the A6279.
The CMOS shift register and latches allow direct interfacing
with microprocessor-based systems. With a 3.3 or 5 V logic
supply, typical serial data-input rates can reach up to 25 MHz.
The LED drive current is determined by the user’s selection of
a single resistor. A CMOS serial data output permits cascading
between multiple devices in applications requiring additional
drive lines. Open LED connections can be detected and signaled
back to the host microprocessor through the SERIAL DATA
OUT pin.
Four package styles are provided: an MLP/QFN surface mount,
0.90 mm overall height nominal (A6279 only); a DIP (type A)
for through-hole applications; and for leaded surface-mount, an
SOIC (type LW) and a TSSOP with exposed thermal pad (type
LP). All package styles for the A6278 are electrically identical
to each other, as are the A6279 package styles. All packages
are lead (Pb) free, with 100% matte tin plated leadframes.
6278-DS, Rev. 4
Features and Benefits
▪ 3.0 to 5.5 V logic supply range
▪ Schmitt trigger inputs for improved noise immunity
▪ Power-On Reset (POR)
▪ Up to 90 mA constant-current sinking outputs
▪ LED open circuit detection
▪ Low-power CMOS logic and latches
▪ High data input rate
▪ 20 ns typical staggering delay on the outputs
▪ Internal UVLO and thermal shutdown (TSD) circuitry
Serial-Input Constant-Current Latched
LED Drivers with Open LED Detection
Not to scale
A6278 and A6279
Packages:
28 pin MLP/QFN (suffix ET)
16 and 24 pin DIP (suffix A)
16 and 24 pin TSSOP (suffix LP)
16 and 24 pin SOIC (suffix LW)
SERIAL
DATA OUT
SERIAL
DATA IN
LATCH
ENABLE
OUT0 OUT1
OUT7 (A6278)
OUT15 (A6279)
OUTPUT
ENABLE
UVLO
LOGIC
SUPPLY
IO
Regulator
REXT
Serial - Parallel Shift Register
Control Logic
Block
VDD
VDD
CLOCK
Output Control Drivers and Open Circuit Detector
GND
VLED
Exposed Pad
(ET and LP packages)
Latches
Functional Block Diagram


Similar Part No. - A6278ELWTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6278ELWTR-T ALLEGRO-A6278ELWTR-T Datasheet
621Kb / 18P
   Serial-Input Constant-Current Latched LED Drivers with Open LED Detection
More results

Similar Description - A6278ELWTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6278 ALLEGRO-A6278 Datasheet
621Kb / 18P
   Serial-Input Constant-Current Latched LED Drivers with Open LED Detection
logo
Silicon Touch Technolog...
DM412 SITI-DM412 Datasheet
1Mb / 35P
   3-CHANNEL CONSTANT CURRENT LED DRIVERS WITH LED OPEN DETECTION
logo
Allegro MicroSystems
A6285 ALLEGRO-A6285 Datasheet
545Kb / 13P
   16-Channel Constant-Current Latched LED Driver with Open LED Detection and Dot Correction
A6275ELWTR ALLEGRO-A6275ELWTR Datasheet
533Kb / 12P
   8-Bit Serial Input Constant-Current Latched LED Driver
A6275EA-T ALLEGRO-A6275EA-T Datasheet
533Kb / 12P
   8-Bit Serial Input Constant-Current Latched LED Driver
A6275ELWTR-T ALLEGRO-A6275ELWTR-T Datasheet
533Kb / 12P
   8-Bit Serial Input Constant-Current Latched LED Driver
6276 ALLEGRO-6276 Datasheet
154Kb / 12P
   16-BIT SERIAL-INPUT, CONSTANT CURRENT LATCHED LED DRIVER
A6276SA ALLEGRO-A6276SA Datasheet
567Kb / 13P
   16-Bit Serial Input, Constant-Current Latched LED Driver
logo
Texas Instruments
TLC5928 TI-TLC5928 Datasheet
1Mb / 27P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI1-TLC5928_17 Datasheet
1Mb / 32P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com