Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A6278ELPTR-T Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # A6278ELPTR-T
Description  Serial-Input Constant-Current Latched LED Drivers with Open LED Detection
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6278ELPTR-T Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button A6278ELPTR-T Datasheet HTML 5Page - Allegro MicroSystems A6278ELPTR-T Datasheet HTML 6Page - Allegro MicroSystems A6278ELPTR-T Datasheet HTML 7Page - Allegro MicroSystems A6278ELPTR-T Datasheet HTML 8Page - Allegro MicroSystems A6278ELPTR-T Datasheet HTML 9Page - Allegro MicroSystems A6278ELPTR-T Datasheet HTML 10Page - Allegro MicroSystems A6278ELPTR-T Datasheet HTML 11Page - Allegro MicroSystems A6278ELPTR-T Datasheet HTML 12Page - Allegro MicroSystems A6278ELPTR-T Datasheet HTML 13Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Serial-Input, Constant-Current Latched
LED Drivers with Open LED Detection
A6278 and
A6279
9
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Undervoltage Lockout
The A6278 and A6279 include an internal under-voltage lockout
(UVLO) circuit that disables the outputs in the event that the
logic supply voltage drops below a minimum acceptable level.
This feature prevents the display of erroneous information, a
necessary function for some critical applications.
Upon recovery of the logic supply voltage after a UVLO event,
and on power-up, all internal shift registers and latches are set
to 0. The A6278/A6279 is then in Normal mode.
Output Staggering Delay
The A6278/A6279 has a 20 ns delay between each output. The
staggering of the outputs reduces the in-rush of currents onto the
power and ground planes. This aids in power supply decoupling
and EMI/EMC reduction.
The output staggering delay occurs under the following condi-
tions:
• OUTPUT ENABLE is pulled low
• OUTPUT ENABLE is held low and LATCH ENABLE is
pulled high
• OUTPUT ENABLE is held low, LATCH ENABLE is held high,
and CLOCK is pulled high
The 20 ns delays are cumulative across all the outputs. Under any
of the above conditions, the state of OUT0 gets set after a typical
propagation delay, tP(OE). OUT1 will get set 20 ns after OUT0,
and so forth. In the A6279, OUT15 will get set after 300 ns (15 ×
20 ns) plus tP(OE).
Note: The maximum CLOCK frequency is reduced in applica-
tions where both the OUTPUT ENABLE pin is held low and the
LATCH ENABLE pin is held high continuously, and the outputs
change state on the CLOCK edges. The staggering delay could
cause spurious output responses at CLOCK speeds greater than
1 MHz.
Thermal Shutdown
When the junction temperature of the A6278/A6279 reaches the
thermal shutdown temperature threshold, TJTSD (165°C typical),
the outputs are shut off until the junction temperature cools down
below the recovery threshold, TJTSD– TJTSDhys (15°C typical).
The shift register and output latches will remain active during
a TSD event. Therefore, there is no need to reset the data in the
output latches.
In LED OCD mode, if the junction temperature reaches the Ther-
mal Shut Down threshold, the outputs will turn off, as in Normal
mode operation. However, all of the shift registers will be set
with 0, the error bit value.


Similar Part No. - A6278ELPTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6278ELPTR-T ALLEGRO-A6278ELPTR-T Datasheet
621Kb / 18P
   Serial-Input Constant-Current Latched LED Drivers with Open LED Detection
More results

Similar Description - A6278ELPTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6278 ALLEGRO-A6278 Datasheet
621Kb / 18P
   Serial-Input Constant-Current Latched LED Drivers with Open LED Detection
logo
Silicon Touch Technolog...
DM412 SITI-DM412 Datasheet
1Mb / 35P
   3-CHANNEL CONSTANT CURRENT LED DRIVERS WITH LED OPEN DETECTION
logo
Allegro MicroSystems
A6285 ALLEGRO-A6285 Datasheet
545Kb / 13P
   16-Channel Constant-Current Latched LED Driver with Open LED Detection and Dot Correction
A6275ELWTR ALLEGRO-A6275ELWTR Datasheet
533Kb / 12P
   8-Bit Serial Input Constant-Current Latched LED Driver
A6275EA-T ALLEGRO-A6275EA-T Datasheet
533Kb / 12P
   8-Bit Serial Input Constant-Current Latched LED Driver
A6275ELWTR-T ALLEGRO-A6275ELWTR-T Datasheet
533Kb / 12P
   8-Bit Serial Input Constant-Current Latched LED Driver
6276 ALLEGRO-6276 Datasheet
154Kb / 12P
   16-BIT SERIAL-INPUT, CONSTANT CURRENT LATCHED LED DRIVER
A6276SA ALLEGRO-A6276SA Datasheet
567Kb / 13P
   16-Bit Serial Input, Constant-Current Latched LED Driver
logo
Texas Instruments
TLC5928 TI-TLC5928 Datasheet
1Mb / 27P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI1-TLC5928_17 Datasheet
1Mb / 32P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com