Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

12A6 Datasheet(PDF) 1 Page - General Electric Company

Part # 12A6
Description  OUTPUT BEAM TETRODE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEC [General Electric Company]
Direct Link  http://www.ge.com
Logo GEC - General Electric Company

12A6 Datasheet(HTML) 1 Page - General Electric Company

  12A6 Datasheet HTML 1Page - General Electric Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 12A6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
12A ETC1-12A Datasheet
205Kb / 5P
   PRECISION 1.25 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Switchcraft, Inc.
12A SWITCH-12A Datasheet
152Kb / 8P
   COMMERCIAL PHONE JACKS
logo
Bel Fuse Inc.
12A-01 BEL-12A-01 Datasheet
1Mb / 16P
   High Performance Servers
logo
Superworld Electronics
12A-2.5-10 SUPERWORLD-12A-2.5-10 Datasheet
123Kb / 1P
   POWER TRANSFORMER
12A-2.5-12 SUPERWORLD-12A-2.5-12 Datasheet
122Kb / 1P
   POWER TRANSFORMER
More results

Similar Description - 12A6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
35A5 ETC2-35A5 Datasheet
96Kb / 2P
   OUTPUT BEAM TETRODE
C1112 ETC-C1112 Datasheet
7Mb / 10P
   BEAM POWER TETRODE
YL1150 ETC2-YL1150 Datasheet
369Kb / 15P
   V.H.F BEAM POWER TETRODE
logo
Communications & Power ...
4CX250B-M CPI-4CX250B-M Datasheet
933Kb / 7P
   RADIAL BEAM POWER TETRODE
logo
List of Unclassifed Man...
4CX1500B ETC-4CX1500B Datasheet
709Kb / 10P
   RADIAL BEAM POWER TETRODE
4X150A ETC1-4X150A Datasheet
11Mb / 6P
   RADIAL BEAM POWER TETRODE
4PR1000A ETC2-4PR1000A Datasheet
740Kb / 6P
   RADIAL-BEAM PULSE TETRODE
EL509 ETC-EL509 Datasheet
500Kb / 1P
   High Performance Beam Power Tetrode
4-125A ETC2-4-125A_1 Datasheet
852Kb / 8P
   RADIAL-BEAM POWER TETRODE. MODULATOR OSCILLATOR AMPLIFIER
4CX15000A ETC2-4CX15000A Datasheet
76Kb / 1P
   Power Tetrode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com