Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VN340SP-33-E Datasheet(PDF) 5 Page - STMicroelectronics

Part No. VN340SP-33-E
Description  Quad high side smart Power solid state relay
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

VN340SP-33-E Datasheet(HTML) 5 Page - STMicroelectronics

 
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
VN340SP-33-E
Electrical characteristics
5/16
3
Electrical characteristics
10V < VCC < 36V; -40°C < TJ < 125°C; unless otherwise specified
Table 3.
Power section
Table 4.
Switching ( VCC = 24V)
Table 5.
Logical input
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VCC
Supply voltage
10
36
V
RON
On state resistance
IOUT = 0.5A; TJ = 25°C
IOUT = 0.5A; TJ = 85°C
IOUT = 0.5A; TJ = 125°C
0.2
0.32
0.4
IS
Supply current
All channels OFF
On state; VIN = 30V; IOUT = 0V
(TJ = 125°C)
1
6
mA
mA
VOL
Low state output voltage
VIN = VIL; RLOAD >= 10MΩ
1.5
V
Vdemag
Output voltage at turn-off IOUT = 0.5A; LLOAD >= 1mH
VCC-65 VCC-55 VCC-45
V
ILGND
Output current at turn-off
VCC = VINn = VGND = VSTAT = 18 to 30V
Tamb = - 25°C to 85°C Figure 6.
2mA
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
td(ON)
Turn-on delay time of
Output current
IOUT = 0.5A, resistive load input rise
time < 0.1
µs, T
J = 25°C
52
100
µs
tr
Rise time of output
current
IOUT = 0.5A, resistive load input rise
time < 0.1
µs, T
J = 25°C
94
250
µs
td(OFF)
Turn-off delay time of
output current
IOUT = 0.5A, resistive load input rise
time < 0.1
µs, T
J = 25°C
34
50
µs
tf
Fall time of output
current
IOUT = 0.5A, resistive load input rise
time < 0.1
µs, T
J = 25°C
820
µs
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VIL
I/O Input low level voltage
2
V
VIH
I/O Input high level
voltage (1)
1.
The input voltage is internally clamped at 32V minimum, it is possible to connect the input pins to an higher voltage via an
external resistor calculate to not exceed 10mA
3.5
V
VI(HYST)
I/O Input hysteresis
voltage
0.5
V
IIN
I/O Input current
VIN = 30V
25
µΑ
VICL
I/O Input clamp voltage (1)
IIN = 1mA
IIN = -1mA
32
36
-0.7
V
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn