Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

VN340SP-33-E Datasheet(PDF) 6 Page - STMicroelectronics

Part No. VN340SP-33-E
Description  Quad high side smart Power solid state relay
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

VN340SP-33-E Datasheet(HTML) 6 Page - STMicroelectronics

Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Electrical characteristics
VN340SP-33-E
6/16
Table 6.
Protection and diagnostic
Note:
If INPUT pin is floating the corrisponding channel will automatically switch OFF. If GND pin is
disconnected, the channel will switch OFF provided VCC not exceed 36V.
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VDIAG
(1)
1.
Status determination > 100
µs after the switching edge.
Status voltage output low IDIAG = 5mA ( Fault condition )
1V
VSCL
(1)
Status clamp voltage
IDIAG = 1mA
IDIAG = 1mA
32
36
-0.7
V
V
VUSD
Undervoltage shut down
5
8
V
ILIM
DC Short circuit current
VCC = 24V; RLOAD < 10mΩ
12
A
IOVPK
Peak short circuit current VCC = 24V; VIN = 30; RLOAD < 10mΩ
4A
IDIAGH
Leakage ondiag pin in
high state
VDIAG = 24V
25
µΑ
ILOAD
Output leakage current
VCC = 10 to 36V; VIN = VIL
50
µΑ
tSC
Delay time of current
limiter
100
µs
TTSD
Thermal shut down
temperature
150
170
°C
TR
Thermal reset
temperature
135
155
°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn