Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI7962DP Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. SI7962DP
Description  Dual N-Channel 40-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

SI7962DP Datasheet(HTML) 4 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Si7962DP
Vishay Siliconix
www.vishay.com
4
Document Number: 72914
S-42058—Rev. B, 15-Nov-04
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
10−3
10−2
1
10
600
10−1
10−4
100
0
60
100
20
40
Single Pulse Power
Time (sec)
80
−1.6
−1.2
−0.8
−0.4
−0.0
0.4
0.8
−50
−25
0
25
50
75
100
125
150
ID = 250 mA
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Threshold Voltage
TJ − Temperature (_C)
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (sec)
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 60_C/W
3. TJM − TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
100
600
0.01
0.001
1
10
Safe Operating Area, Junction-To-Ambient
100
1
0.1
1
10
100
0.01
10
TA = 25_C
Single Pulse
0.1
IDM Limited
ID(on)
Limited
*rDS(on) Limited
BVDSS Limited
0.1
P(t) = 10
dc
P(t) = 1
P(t) = 0.01
P(t) = 0.001
P(t) = 0.0001
P(t) = 0.1
VDS − Drain-to-Source Voltage (V)
*VGS u minimum VGS at which rDS(on) is specified


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn