Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI2304DS Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. SI2304DS
Description  N-Channel 30-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

SI2304DS Datasheet(HTML) 3 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Si2304DS
Vishay Siliconix
Document Number: 70756
S-63633—Rev. D, 01-Nov-99
www.vishay.com
S FaxBack 408-970-5600
3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0.6
0.8
1.0
1.2
1.4
1.6
1.8
–50
–25
0
25
50
75
100
125
150
Crss
On-Resistance vs. Drain Current
Output Characteristics
Transfer Characteristics
VDS – Drain-to-Source Voltage (V)
VGS – Gate-to-Source Voltage (V)
0
2
4
6
8
10
02468
10
0
2
4
6
8
10
012345
0 V
VGS = 10 V - 5 V
3 V
4 V
0
100
200
300
400
500
0
6
12
18
24
30
0
2
4
6
8
10
012345
0
0.06
0.12
0.18
0.24
0.30
02468
10
Gate Charge
Qg – Total Gate Charge (nC)
VDS – Drain-to-Source Voltage (V)
Coss
Ciss
VDS = 15 V
ID = 2.5 A
ID – Drain Current (A)
Capacitance
On-Resistance vs. Junction Temperature
VGS = 10 V
ID = 2.5 A
TJ – Junction Temperature (_C)
VGS = 4.5 V
VGS = 10 V
0
>
TC = 125_C
–55
_C
25
_C


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn