Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ONET2591TAYS Datasheet(PDF) 5 Page - Texas Instruments

Part # ONET2591TAYS
Description  2.5-Gbps Transimpedance Amplifier With AGC and RSSI
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ONET2591TAYS Datasheet(HTML) 5 Page - Texas Instruments

  ONET2591TAYS Datasheet HTML 1Page - Texas Instruments ONET2591TAYS Datasheet HTML 2Page - Texas Instruments ONET2591TAYS Datasheet HTML 3Page - Texas Instruments ONET2591TAYS Datasheet HTML 4Page - Texas Instruments ONET2591TAYS Datasheet HTML 5Page - Texas Instruments ONET2591TAYS Datasheet HTML 6Page - Texas Instruments ONET2591TAYS Datasheet HTML 7Page - Texas Instruments ONET2591TAYS Datasheet HTML 8Page - Texas Instruments ONET2591TAYS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
DC ELECTRICAL CHARACTERISTICS
ONET2591TA
SLLS669 – SEPTEMBER 2005
over operating free-air temperature range (unless otherwise noted) (1)
VCC
Supply voltage (2)
–0.3 V to 4 V
VFILTER, VOUT+, VOUT–,
Voltage at FILTER, OUT+, OUT–, RSSI (2)
–0.3 V to 4 V
VRSSI
IIN
Current into IN
–0.7 mA to 2.5 mA
IFILTER
Current into FILTER
– 8 mA to 8 mA
IOUT+, IOUT–
Continuous current at outputs
– 8 mA to 8 mA
ESD rating at all pins except IN (3)
1.5 kV (HBM)
ESD
ESD rating at IN (3)
900 V (HBM)
TJ,max
Maximum junction temperature
125
°C
Tstg
Storage temperature range
–65
°C to 85°C
TA
Operating free-air temperature range
–40
°C to 85°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
(3)
For optimum high-frequency performance, the input pin has reduced ESD protection.
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
2.9
3.3
3.6
V
TA
Operating free-air temperature
–40
85
°C
LFILTER,
Wire-bond inductor at pins FILTER and IN
0.8
nH
LIN
over recommended operating conditions (unless otherwise noted). Typical values are at V
CC = 3.3 V and TA = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC
Supply voltage
2.9
3.3
3.6
V
Average photodiode current IPD = 0
10
14
20
mA
IVCC
Supply current
mA
Average photodiode current IPD = 1
13
17
23
mA
VIN
Input bias voltage
0.85
1.05
V
ROUT
Output resistance
Single-ended to VCC
40
50
60
RFILTER
Photodiode filter resistance
220
5
Submit Documentation Feedback


Similar Part No. - ONET2591TAYS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET2591TAYS TI1-ONET2591TAYS Datasheet
951Kb / 16P
[Old version datasheet]   2.5-Gbps Transimpedance Amplifier With AGC and RSSI
More results

Similar Description - ONET2591TAYS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET2591TA TI1-ONET2591TA_17 Datasheet
951Kb / 16P
[Old version datasheet]   2.5-Gbps Transimpedance Amplifier With AGC and RSSI
ONET4291T TI1-ONET4291T Datasheet
639Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
ONET4291TA TI-ONET4291TA Datasheet
960Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
ONET4291TA TI1-ONET4291TA_12 Datasheet
963Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
ONET2511TA TI1-ONET2511TA Datasheet
455Kb / 12P
[Old version datasheet]   2.5 GBPS TRANSIMPEDANCE AMPLIFIER WITH RSSI
ONET8511T TI-ONET8511T Datasheet
315Kb / 14P
[Old version datasheet]   11.3 Gbps Linear Transimpedance Amplifier With AGC and RSSI
logo
M/A-COM Technology Solu...
02014-BRF-001-A MA-COM-02014-BRF-001-A Datasheet
115Kb / 2P
   2.5 Gbps Transimpedance Amplifier with AGC
02015-BRF-001-A MA-COM-02015-BRF-001-A Datasheet
116Kb / 2P
   2.5 Gbps Transimpedance Amplifier with AGC
M02024-BRF-001-A MA-COM-M02024-BRF-001-A Datasheet
83Kb / 2P
   2.5 Gbps High Sensitivity Transimpedance Amplifier with AGC
M02024-BRF-001-A MA-COM-M02024-BRF-001-A_15 Datasheet
83Kb / 2P
   2.5 Gbps High Sensitivity Transimpedance Amplifier with AGC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com