Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ONET2591TA Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ONET2591TA
Description  2.5-Gbps Transimpedance Amplifier With AGC and RSSI
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ONET2591TA Datasheet(HTML) 7 Page - Texas Instruments

Back Button ONET2591TA Datasheet HTML 3Page - Texas Instruments ONET2591TA Datasheet HTML 4Page - Texas Instruments ONET2591TA Datasheet HTML 5Page - Texas Instruments ONET2591TA Datasheet HTML 6Page - Texas Instruments ONET2591TA Datasheet HTML 7Page - Texas Instruments ONET2591TA Datasheet HTML 8Page - Texas Instruments ONET2591TA Datasheet HTML 9Page - Texas Instruments ONET2591TA Datasheet HTML 10Page - Texas Instruments ONET2591TA Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
www.ti.com
TA − Ambient Temperature − °C
1000
1500
2000
2500
3000
3500
4000
−40 −30 −20 −10 0
10 20 30 40 50 60 70 80 90
G003
Average Input Current −
µA
0
500
1000
1500
2000
2500
3000
0
100 200 300 400 500 600 700 800 900 1000
G004
TA − Ambient Temperature − °C
1.50
1.55
1.60
1.65
1.70
1.75
1.80
1.85
1.90
1.95
2.00
−40 −30 −20 −10 0
10 20 30 40 50 60 70 80 90
G005
60
61
62
63
64
65
66
67
68
69
70
f − Frequency − MHz
100
1k
5k
G006
200
500
2k
ONET2591TA
SLLS669 – SEPTEMBER 2005
TYPICAL CHARACTERISTICS (continued)
Typical operating condition is at V
CC = 3.3 V and TA = 25°C.
SMALL-SIGNAL TRANSIMPEDANCE
TRANSIMPEDANCE
vs
vs
AMBIENT TEMPERATURE
AVERAGE INPUT CURRENT
Figure 4.
Figure 5.
SMALL-SIGNAL BANDWIDTH
SMALL-SIGNAL TRANSFER CHARACTERISTICS
vs
AMBIENT TEMPERATURE
Figure 6.
Figure 7.
7
Submit Documentation Feedback


Similar Part No. - ONET2591TA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET2591TA TI1-ONET2591TA Datasheet
951Kb / 16P
[Old version datasheet]   2.5-Gbps Transimpedance Amplifier With AGC and RSSI
ONET2591TAY TI1-ONET2591TAY Datasheet
951Kb / 16P
[Old version datasheet]   2.5-Gbps Transimpedance Amplifier With AGC and RSSI
ONET2591TAYS TI1-ONET2591TAYS Datasheet
951Kb / 16P
[Old version datasheet]   2.5-Gbps Transimpedance Amplifier With AGC and RSSI
ONET2591TA TI1-ONET2591TA_17 Datasheet
951Kb / 16P
[Old version datasheet]   2.5-Gbps Transimpedance Amplifier With AGC and RSSI
More results

Similar Description - ONET2591TA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET2591TA TI1-ONET2591TA_17 Datasheet
951Kb / 16P
[Old version datasheet]   2.5-Gbps Transimpedance Amplifier With AGC and RSSI
ONET4291T TI1-ONET4291T Datasheet
639Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
ONET4291TA TI-ONET4291TA Datasheet
960Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
ONET4291TA TI1-ONET4291TA_12 Datasheet
963Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
ONET2511TA TI1-ONET2511TA Datasheet
455Kb / 12P
[Old version datasheet]   2.5 GBPS TRANSIMPEDANCE AMPLIFIER WITH RSSI
ONET8511T TI-ONET8511T Datasheet
315Kb / 14P
[Old version datasheet]   11.3 Gbps Linear Transimpedance Amplifier With AGC and RSSI
logo
M/A-COM Technology Solu...
02014-BRF-001-A MA-COM-02014-BRF-001-A Datasheet
115Kb / 2P
   2.5 Gbps Transimpedance Amplifier with AGC
02015-BRF-001-A MA-COM-02015-BRF-001-A Datasheet
116Kb / 2P
   2.5 Gbps Transimpedance Amplifier with AGC
M02024-BRF-001-A MA-COM-M02024-BRF-001-A Datasheet
83Kb / 2P
   2.5 Gbps High Sensitivity Transimpedance Amplifier with AGC
M02024-BRF-001-A MA-COM-M02024-BRF-001-A_15 Datasheet
83Kb / 2P
   2.5 Gbps High Sensitivity Transimpedance Amplifier with AGC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com