Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29F002BT70N1 Datasheet(PDF) 19 Page - STMicroelectronics

Part # M29F002BT70N1
Description  2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F002BT70N1 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M29F002BT70N1 Datasheet HTML 14Page - STMicroelectronics M29F002BT70N1 Datasheet HTML 15Page - STMicroelectronics M29F002BT70N1 Datasheet HTML 16Page - STMicroelectronics M29F002BT70N1 Datasheet HTML 17Page - STMicroelectronics M29F002BT70N1 Datasheet HTML 18Page - STMicroelectronics M29F002BT70N1 Datasheet HTML 19Page - STMicroelectronics M29F002BT70N1 Datasheet HTML 20Page - STMicroelectronics M29F002BT70N1 Datasheet HTML 21Page - STMicroelectronics M29F002BT70N1 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
19/22
M29F002BT, M29F002BB, M29F002BNT, M29F002BNB
PLCC32 – 32 lead Plastic Leaded Chip Carrier, Package Outline
Note: Drawing is not to scale.
PLCC32 – 32 lead Plastic Leaded Chip Carrier, Package Mechanical Data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
3.18
3.56
0.125
0.140
A1
1.53
2.41
0.060
0.095
A2
0.38
0.015
B
0.33
0.53
0.013
0.021
B1
0.66
0.81
0.026
0.032
CP
0.10
0.004
D
12.32
12.57
0.485
0.495
D1
11.35
11.51
0.447
0.453
D2
4.78
5.66
0.188
0.223
D3
7.62
0.300
E
14.86
15.11
0.585
0.595
E1
13.89
14.05
0.547
0.553
E2
6.05
6.93
0.238
0.273
E3
10.16
0.400
e
1.27
0.050
F
0.00
0.13
0.000
0.005
N32
32
R
0.89
0.035
PLCC-A
D
E3
E1 E
1 N
D1
D3
CP
B
E2
e
B1
A1
A
R
0.51 (.020)
1.14 (.045)
F
A2
E2
D2
D2


Similar Part No. - M29F002BT70N1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F002B STMICROELECTRONICS-M29F002B Datasheet
196Kb / 29P
   2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory
M29F002B-120K1TR STMICROELECTRONICS-M29F002B-120K1TR Datasheet
196Kb / 29P
   2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory
M29F002B-120K6TR STMICROELECTRONICS-M29F002B-120K6TR Datasheet
196Kb / 29P
   2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory
M29F002B-120N1TR STMICROELECTRONICS-M29F002B-120N1TR Datasheet
196Kb / 29P
   2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory
M29F002B-120N6TR STMICROELECTRONICS-M29F002B-120N6TR Datasheet
196Kb / 29P
   2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory
More results

Similar Description - M29F002BT70N1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F002T STMICROELECTRONICS-M29F002T Datasheet
196Kb / 29P
   2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory
M29W002BT STMICROELECTRONICS-M29W002BT Datasheet
156Kb / 20P
   2 Mbit 256Kb x8, Boot Block Low Voltage Single Supply Flash Memory
M29W022BT STMICROELECTRONICS-M29W022BT Datasheet
123Kb / 20P
   2 Mbit 256Kb x8, Boot Block Low Voltage Single Supply Flash Memory
M29F200T STMICROELECTRONICS-M29F200T Datasheet
224Kb / 33P
   2 Mbit 256Kb x8 or 128Kb x16, Boot Block Single Supply Flash Memory
logo
Micron Technology
M29F200BB70N6 MICRON-M29F200BB70N6 Datasheet
373Kb / 39P
   2 Mbit (256Kb x8 or 128Kb x16, Boot Block) Single Supply Flash Memory
logo
STMicroelectronics
M29F200BT STMICROELECTRONICS-M29F200BT Datasheet
146Kb / 22P
   2 Mbit 256Kb x8 or 128Kb x16, Boot Block Single Supply Flash Memory
M50FW002 STMICROELECTRONICS-M50FW002 Datasheet
254Kb / 39P
   2 Mbit 256Kb x8, Boot Block 3V Supply Firmware Hub Flash Memory
May 2002
M50LPW002 STMICROELECTRONICS-M50LPW002 Datasheet
258Kb / 39P
   2 Mbit 256Kb x8, Boot Block 3V Supply Low Pin Count Flash Memory
May 2002
M29F400BT STMICROELECTRONICS-M29F400BT_06 Datasheet
318Kb / 40P
   4 Mbit (512Kb x8 or 256Kb x16, Boot Block) single supply Flash memory
M50LPW012 STMICROELECTRONICS-M50LPW012 Datasheet
239Kb / 35P
   2 Mbit 256Kb x8, Boot Block 3V Supply Low Pin Count Flash Memory
September 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com