Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VI-882545 Datasheet(PDF) 1 Page - Vicor Corporation

Part # VI-882545
Description  24Vin / 15Vout / 200Watts DC-DC Converter Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VI-882545 Datasheet(HTML) 1 Page - Vicor Corporation

  VI-882545 Datasheet HTML 1Page - Vicor Corporation VI-882545 Datasheet HTML 2Page - Vicor Corporation VI-882545 Datasheet HTML 3Page - Vicor Corporation VI-882545 Datasheet HTML 4Page - Vicor Corporation VI-882545 Datasheet HTML 5Page - Vicor Corporation VI-882545 Datasheet HTML 6Page - Vicor Corporation VI-882545 Datasheet HTML 7Page - Vicor Corporation VI-882545 Datasheet HTML 8Page - Vicor Corporation VI-882545 Datasheet HTML 9Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
24Vin/15Vout/200W DC-DC Converter
Rev. 5.2
Page 1 of 9
Set your site on VICOR at www.vicorpower.com
Shown actual size:
2.28 x 2.2 x 0.5 in
57,9 x 55,9 x 12,7 mm
(Product shown is for size only.
Pin and baseplate style may vary.
Pin style 1 and slotted baseplate are shown.)
45
Absolute Maximum Ratings
Parameter
Min
Typ
Max
Unit
Baseplate to sink; flat, greased surface
0.16
°C/Watt
Baseplate to sink; thermal pad (P/N 20264)
0.14
°C/Watt
Baseplate to ambient
8.0
°C/Watt
Baseplate to ambient; 1000 LFM
1.9
°C/Watt
Thermal capacity
83
Watt-sec/°C
Thermal Resistance and Capacity
24Vin / 15Vout / 200Watts
DC-DC Converter Module
See Page 8 for Part Numbers and Options
Features
• DC input range: 18 - 36V
• Input surge withstand: 50V for 100ms
• DC output: 15V
• Programmable output: 10 to 110%
• Regulation: ±0.2% no load to full load
• Efficiency: 85.6%
• Maximum operating temperature:
100°C at full load
• Power density: 80W/cubic inch
• Height above board: 0.43 in. (10,9 mm)
• Parallelable, with N+M fault tolerance
• Low noise ZCS/ZVS architecture
• Pin Style: See Page 6
• Baseplate: See Page 7
Product Overview
This DC-DC converter module uses
second generation power processing, control
and packaging technologies to provide the
performance, flexibility and cost effectiveness
expected of a mature Power Component.
For example, a plated-cavity core transformer
couples widely separated primary and
secondary windings, resulting in low in-to-
out parasitic capacitance and noise.
High frequency ZCS/ZVS switching,
advanced power semiconductor packaging
and thermal management provide high
power density with low temperature
gradients. Extensive use of silicon
integration results in 1/3 the part count
of a first generation converter.
This converter is manufactured in a
state-of-the-art automated manufacturing
facility on a short-cycle-time robotic line
having a capacity of one module every ten
seconds. In-line process controls are
designed to achieve low defect rates and
consistent quality. A comprehensive CIM
system controls the dispatching, assembly
and testing of each module, enabling small
lots to be manufactured as efficiently as
hundreds-of-thousands of units.
Parameter
Rating
Unit
Notes
+In to –In voltage
-0.5 to +36
Vdc
+In to –In voltage
50
Vdc
<100ms
PC to –In voltage
-0.5 to +7.0
Vdc
PR to –In voltage
-0.5 to +7.0
Vdc
+Out to –Out voltage
-0.5 to +20
Vdc
+Sense to –Out voltage
-0.5 to +20
Vdc
–Sense to –Out voltage
1.0
Vdc
SC to –Out voltage
-0.5 to +1.5
Vdc
Isolation voltage (in to out)
3000
Vrms
Isolation voltage (in to base)
1550
Vrms
Isolation voltage (out to base)
500
Vrms
Storage temperature
See Page 8
°C
125 Max
Operating temperature
See Page 8
°C
Baseplate
Pin soldering temperature
500 (260)
°F (°C)
<5 sec; wave solder
Pin soldering temperature
750 (390)
°F (°C)
<7 sec; hand solder
Mounting torque
5 (.57)
in-lbs (N-m)
6 each, # 4-40 or M3


Similar Part No. - VI-882545

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-882653 VICOR-VI-882653 Datasheet
179Kb / 9P
   24Vin / 48Vout / 200Watts DC-DC Converter Module
VI-882654 VICOR-VI-882654 Datasheet
179Kb / 9P
   24Vin / 48Vout / 200Watts DC-DC Converter Module
VI-882655 VICOR-VI-882655 Datasheet
179Kb / 9P
   24Vin / 48Vout / 200Watts DC-DC Converter Module
VI-882656 VICOR-VI-882656 Datasheet
179Kb / 9P
   24Vin / 48Vout / 200Watts DC-DC Converter Module
VI-882657 VICOR-VI-882657 Datasheet
179Kb / 9P
   24Vin / 48Vout / 200Watts DC-DC Converter Module
More results

Similar Description - VI-882545

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24B15C200B VICOR-V24B15C200B Datasheet
146Kb / 8P
   24Vin / 15Vout / 200Watts DC-DC Converter Module
V24B5C200B VICOR-V24B5C200B Datasheet
145Kb / 8P
   24Vin / 5Vout / 200Watts DC-DC Converter Module
V24B48C200B VICOR-V24B48C200B Datasheet
148Kb / 8P
   24Vin / 48Vout / 200Watts DC-DC Converter Module
V24B12C200B VICOR-V24B12C200B Datasheet
146Kb / 8P
   24Vin / 12Vout / 200Watts DC-DC Converter Module
V24B24C200B VICOR-V24B24C200B Datasheet
146Kb / 8P
   24Vin / 24Vout / 200Watts DC-DC Converter Module
V24A15C400B VICOR-V24A15C400B Datasheet
150Kb / 8P
   24Vin / 15Vout / 400Watts DC-DC Converter Module
V24C15C100B VICOR-V24C15C100B Datasheet
173Kb / 8P
   24Vin / 15Vout / 100Watts DC-DC Converter Module
V24B28C200B VICOR-V24B28C200B Datasheet
148Kb / 8P
   24Vin / 28Vout / 200Watts DC-DC Converter Module
VI-882653 VICOR-VI-882653 Datasheet
179Kb / 9P
   24Vin / 48Vout / 200Watts DC-DC Converter Module
V48A15C500B VICOR-V48A15C500B Datasheet
150Kb / 8P
   48Vin / 15Vout / 500Watts DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com