Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXOH-BAY Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CXOH-BAY
Description  Temperature Compensated Crystal Oscillator Voltage Trim Option Available
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CXOH-BAY Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CXOH-BAY Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TD-020811 Rev. E
PWR
Supply
mA
M
VM
OSC.
pin 1
pin 14
pin 7
pin 8
O/P Load
incl Probe Cl
OUT
GND
OUT
Vdd
Option
Specifications subject to change without notice.
Designed to meet today's
requirements for tighter
frequency stability tolerance
while reducing unit cost.
14 Pin Dip,
3.3V & 5V, HCMOS/TTL
CXOH / CXOHV Model
1MHz to 38MHz
±1ppm to ±5ppm
±0.5ppm Max
±0.3ppm Max
-40°C to 85°C
-55°C to 120°C
3.3V or 5V ± 5%
±3ppm Min
Voltage Trim Pin 1
15mA Typ, 30mA Max
HCMOS/TTL
40/60% Max @ 50% Vdd
45/55% Max
4ns Typ, 10ns Max
"0" = 10% Vdd Max
"1" = 90% Vdd Min
15pF/10TTL Max
-100dBc/Hz
-130dBc/Hz
-140dBc/Hz
-145dBc/Hz
-150dBc/Hz
<1ppm Max/Yr
Frequency Range:
Frequency Stability:
Freq. Stability vs Volt:
Freq. Stability vs Load:
Temperature Range:
Storage:
Input Voltage:
Mech. Trim. Range:
(Option V)
Input Current:
Output:
Symmetry:
(Option Y)
Rise/Fall Time:
Output Voltage:
Load:
Phase Noise Typ.:
10Hz
100Hz
1KHz
10KHz
100KHz
Aging:
CXOH
CXOHV - 4 B C 3 Y - 25.000
Crystek Part Number Guide
#6
#8
#1 Crystek TCXO HCMOS/TTL
#2 V or blank = (V = Volt.Trim) (Blank = Mech. Trim)
#3 4 or blank = Height (4 = 4.5mm) (Blank = 5.0mm)
#4 Letter = Operating Temperature (see table 1)
#5 Letter = Frequency Stability (see table 1)
#6 3 or blank = Input Volt (3 = 3.3 volts) (Blank= 5V)
#7 Y or blank = Symmetry (Y=45/55) (Blank = 40/60)
#8 Frequency in MHz: 3 or 6 decimal places
Example:
CXOH-4BC3Y-25.000 = mech. trim, 4.5mm, -10/60, ±2.5ppm, 3.3V, 45/55%, 25.000MHz
CXOHV-4B3CY-25.000 = volt. trim, 4.5mm, -10/60,±2.5ppm, 3.3V, 45/55%, 25.000MHz
#1
#3
#4
#5
#7
#2
Table 1
Operating
Temperature
Freq. Stability (± ppm)
0°C to 50°C
-10°C to 60°C
-10°C to 70°C
-20°C to 70°C
-30°C to 60°C
-30°C to 70°C
-30°C to 75°C
-40°C to 85°C
1.5
2.0
2.0
2.0
2.0
2.5
2.5
2.5
2.5
2.5
2.5
3.0
3.0
3.0
3.0
3.0
3.0
3.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
AB
C
D
E
F
A
B
C
D
E
F
G
H
1.0
P
2.5
3.0
2.0
2.0
2.0
CRYSTEK
Freq
Part no
DC
.720
(18.30)
.472
(12.00)
.300
(7.62)
#7
#8
#14
#1
*A
.098
(2.50)
.157
(4.00)
.600
(15.24)
PIN
Function
1
7
8
14
VT or NC
GND
OUT
Vcc
.178
(4.50)
.197
(5.00)
*A
.300
(7.62)
.150
(3.81)
.030
(0.76)
.075
(1.90)
Suggested PCB Layout
.150
(3.81)
.300
(7.62)
.051
(1.30)
ID=
.360
(9.14)
.157
(4.00) Min
.039
(1.00)
.020
(0.50)
All dimensions are Max unless otherwise specified.
Dimensions inches (mm)
± 5ppm Min
(5V) 2.5V ± 2.5V
(3.3V) 1.65V ± 1.65V
Voltage Trim Pin 1:
Control Voltage:
VCTCXO Specification
24
Temperature Compensated
Crystal Oscillator
Voltage Trim Option
Available
Le
ad
Fre
e
Ro
HS
Co
mp
lian
t


Similar Part No. - CXOH-BAY

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CXOH-BAY-25.000 CRYSTEKCRYSTAL-CXOH-BAY-25.000 Datasheet
119Kb / 1P
   Temperature Compensated Crystal Oscillator Voltage Trim Option Available 14 Pin Dip, 3.3V & 5V, HCMOS/TTL
More results

Similar Description - CXOH-BAY

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CXOS CRYSTEKCRYSTAL-CXOS Datasheet
119Kb / 1P
   Temperature Compensated Crystal Oscillator Voltage Trim Option Available 14 Pin Dip, 3.3V & 5V, Clipped Sine
CXOH CRYSTEKCRYSTAL-CXOH Datasheet
119Kb / 1P
   Temperature Compensated Crystal Oscillator Voltage Trim Option Available 14 Pin Dip, 3.3V & 5V, HCMOS/TTL
CXOSD4 CRYSTEKCRYSTAL-CXOSD4 Datasheet
115Kb / 1P
   Temperature Compensated Crystal Oscillator Voltage Trim Option Available 4 Pin SMD, 3.3V & 5V, Clipped Sine
CXOHD4 CRYSTEKCRYSTAL-CXOHD4 Datasheet
116Kb / 1P
   Temperature Compensated Crystal Oscillator With Voltage Trim & Hermetic
logo
Vectron International, ...
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
   Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
logo
Crystek Corporation
CVT32 CRYSTEKCRYSTAL-CVT32 Datasheet
114Kb / 1P
   Temperature Compensated Crystal Oscillator Voltage Trim 3.2X5 mm SMD, 3V, TCVCXO
logo
Raltron Electronics Cor...
RTX-204 RALTRON-RTX-204 Datasheet
26Kb / 1P
   SURFACE MOUNT TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR WITH VOLTAGE CONTROL OPTION
RTX-206 RALTRON-RTX-206 Datasheet
36Kb / 1P
   SURFACE MOUNT TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR WITH VOLTAGE CONTROL OPTION
logo
Crystek Corporation
CVT32 CRYSTEKCRYSTAL-CVT32_15 Datasheet
74Kb / 1P
   Temperature Compensated Voltage Controlled Crystal Oscillator
logo
Vectron International, ...
VTC21 VECTRON-VTC21 Datasheet
187Kb / 6P
   Voltage Controlled Temperature Compensated Crystal Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com