Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75976A1DGGR Datasheet(PDF) 8 Page - Texas Instruments

Part # SN75976A1DGGR
Description  9-CHANNEL DIFFERENTIAL TRANSCEIVER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75976A1DGGR Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN75976A1DGGR Datasheet HTML 4Page - Texas Instruments SN75976A1DGGR Datasheet HTML 5Page - Texas Instruments SN75976A1DGGR Datasheet HTML 6Page - Texas Instruments SN75976A1DGGR Datasheet HTML 7Page - Texas Instruments SN75976A1DGGR Datasheet HTML 8Page - Texas Instruments SN75976A1DGGR Datasheet HTML 9Page - Texas Instruments SN75976A1DGGR Datasheet HTML 10Page - Texas Instruments SN75976A1DGGR Datasheet HTML 11Page - Texas Instruments SN75976A1DGGR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
SN75976A, SN55976A
9-CHANNEL DIFFERENTIAL TRANSCEIVER
SLLS218B – MAY 1995 – REVISED MAY 1997
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN55976A
SN75976A
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
S1 to A,
VT = 5 V,
See Figure 1
0.7
1
1.8
V
VODH
Driver differential high-
level output voltage
S1 to B,
TC ≥ 25°C
VT = 5 V,
See Figure 1
1
1.4
V
level out ut voltage
S1 to B,
See Figure 1
VT = 5 V,
0.7
0.8
V
D i
diff
ti l l
S1 to A,
TC ≥ 25°C
VT = 5 V,
See Figure 1
0.7
– 1.4
–1
– 1.4
V
VODL
Driver differential low-
level output voltage
S1 to B,
VT = 5 V,
See Figure 1
0.7
– 1.8
–1
– 1.8
V
level out ut voltage
S1 to A,
See Figure 1
VT = 5 V,
– 0.8
– 1.4
– 0.8
– 1.4
V
VOH
High-level output volt-
age
A side,
IOH = – 8 mA
VID = 200 mV,
See Figure 3
4
4.5
4
4.5
V
OH
age
B side,
VT = 5 V,
See Figure 1
3
3
V
VOL
Low-level output volt-
age
A side,
IOH = 8 mA
VID = –200 mV,
See Figure 3
0.6
0.8
0.6
0.8
V
OL
age
A side,
VT = 5 V,
See Figure 1
1
1
V
VIT+
Receiver positive-go-
ing differential input
threshold voltage
IOH = – 8 mA,
See Figure 3
0.2
0.2
V
VIT–
Receiver negative-
going differential input
threshold voltage
IOL = 8 mA,
See Figure 3
– 0.2
– 0.2
V
Vhys
Receiver input
hysteresis
(VIT+– VIT–)
VCC = 5 V,
TA = 25°C
24
45
24
45
mV
VIH = 12 V,
VCC = 5 V,
Other input at 0 V
0.4
1
0.4
1
mA
II
Bus input current
VIH = 12 V,
VCC = 0,
Other input at 0 V
0.5
1
0.5
1
mA
II
Bus input current
VIH = – 7 V,
VCC = 5 V,
Other input at 0 V
– 0.4
– 0.8
– 0.4
– 0.8
mA
VIH = – 7 V,
VCC = 0,
Other input at 0 V
– 0.3
– 0.8
– 0.3
– 0.8
mA
IIH
High-level input cur-
A, BSR, DE/RE, and CRE,
VIH = 2 V
– 100
– 100
µA
IIH
g
rent
CDE0, CDE1, and CDE2,
VIH = 2V
100
100
µA
IIL
Low level input current
A, BSR, DE/RE, and CRE,
VIL = 0.8 V
– 100
– 100
µA
IIL
Low-level input current
CDE1, CDE1, and CDE2,
VIL = 0.8 V
100
100
µA
IOS
Short circuit output
current
nB+ or nB–
±260
±260
mA
IOZ
High-impedance-state
A
See IIH and IIL
See IIH and IIL
IOZ
g
output current
nB+ or nB–
See II
See II
Disabled
10
10
mA
ICC
Supply current
All drivers enabled, no load
60
60
mA
All receivers enabled, no load
45
45
mA
CO
Output capacitance
nB+ or nB– to GND
18
18
25
pF
C d
Power dissipation
capacitance
Receiver
40
40
pF
Cpd
capacitance
(see Note 4)
Driver
100
100
pF
† All typical values are at VCC = 5 V, TA = 25°C.
NOTE 4: Cpd determines the no-load dynamic supply current consumption, IS = CPD × VCC × f + ICC


Similar Part No. - SN75976A1DGGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75976A1DGGR TI-SN75976A1DGGR Datasheet
537Kb / 33P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A1DGGR TI-SN75976A1DGGR Datasheet
689Kb / 35P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A1DGGRG4 TI-SN75976A1DGGRG4 Datasheet
537Kb / 33P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A1DGGRG4 TI-SN75976A1DGGRG4 Datasheet
689Kb / 35P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
More results

Similar Description - SN75976A1DGGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC978 TI-SN75LBC978 Datasheet
238Kb / 16P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A TI-SN75976A_07 Datasheet
689Kb / 35P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN55LBC976 TI1-SN55LBC976 Datasheet
462Kb / 25P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75LBC976 TI1-SN75LBC976 Datasheet
392Kb / 24P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A-EP TI1-SN75976A-EP Datasheet
578Kb / 29P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A TI-SN75976A_06 Datasheet
537Kb / 33P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75LBC978 TI1-SN75LBC978_09 Datasheet
423Kb / 19P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
logo
National Semiconductor ...
DS92LV090A NSC-DS92LV090A_07 Datasheet
291Kb / 12P
   9 Channel Bus LVDS Transceiver
DS92LV090A NSC-DS92LV090A Datasheet
170Kb / 9P
   9 Channel Bus LVDS Transceiver
logo
Texas Instruments
DS92LV090A TI1-DS92LV090A_14 Datasheet
938Kb / 16P
[Old version datasheet]   9 Channel Bus LVDS Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com