Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29F400T-90N3R Datasheet(PDF) 20 Page - STMicroelectronics

Part # M29F400T-90N3R
Description  4 Mbit 512Kb x8 or 256Kb x16, Boot Block Single Supply Flash Memory
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F400T-90N3R Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M29F400T-90N3R Datasheet HTML 16Page - STMicroelectronics M29F400T-90N3R Datasheet HTML 17Page - STMicroelectronics M29F400T-90N3R Datasheet HTML 18Page - STMicroelectronics M29F400T-90N3R Datasheet HTML 19Page - STMicroelectronics M29F400T-90N3R Datasheet HTML 20Page - STMicroelectronics M29F400T-90N3R Datasheet HTML 21Page - STMicroelectronics M29F400T-90N3R Datasheet HTML 22Page - STMicroelectronics M29F400T-90N3R Datasheet HTML 23Page - STMicroelectronics M29F400T-90N3R Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
AI01869C
E
G
W
A0-A17/
A–1
DQ0-DQ7/
DQ8-DQ15
VALID
VALID
VCC
tVCHEL
tWHEH
tWHWL
tELWL
tAVWL
tWHGL
tWLAX
tWHDX
tAVAV
tDVWH
tWLWH
tGHWL
RB
tWHRL
Figure 7. Write AC Waveforms, W Controlled
Note: Address are latched on the falling edge of W, Data is latched on the rising edge of W.
POWER SUPPLY
Power Up
The memory Command Interface is reset on power
up to Read Array. Either E or W must be tied to VIH
during Power Up to allow maximum security and
the possibility to write a command on the first rising
edge of E and W. Any write cycle initiation is
blocked when Vcc is below VLKO.
Supply Rails
Normal precautions must be taken for supply volt-
age decoupling; each device in a system should
have the VCC rail decoupled with a 0.1
µF capacitor
close to the VCC and VSS pins. The PCB trace
widths should be sufficient to carry the VCC pro-
gram and erase currents required.
20/34
M29F400T, M29F400B


Similar Part No. - M29F400T-90N3R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F400 STMICROELECTRONICS-M29F400 Datasheet
208Kb / 22P
   4 Mbit 512Kb x8 or 256Kb x16, Boot Block Single Supply Flash Memory
M29F400BB STMICROELECTRONICS-M29F400BB Datasheet
208Kb / 22P
   4 Mbit 512Kb x8 or 256Kb x16, Boot Block Single Supply Flash Memory
M29F400BB STMICROELECTRONICS-M29F400BB Datasheet
318Kb / 40P
   4 Mbit (512Kb x8 or 256Kb x16, Boot Block) single supply Flash memory
M29F400BB-45M1 STMICROELECTRONICS-M29F400BB-45M1 Datasheet
208Kb / 22P
   4 Mbit 512Kb x8 or 256Kb x16, Boot Block Single Supply Flash Memory
M29F400BB-45M1T STMICROELECTRONICS-M29F400BB-45M1T Datasheet
208Kb / 22P
   4 Mbit 512Kb x8 or 256Kb x16, Boot Block Single Supply Flash Memory
More results

Similar Description - M29F400T-90N3R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F400BT STMICROELECTRONICS-M29F400BT_06 Datasheet
318Kb / 40P
   4 Mbit (512Kb x8 or 256Kb x16, Boot Block) single supply Flash memory
M29F400BT STMICROELECTRONICS-M29F400BT Datasheet
208Kb / 22P
   4 Mbit 512Kb x8 or 256Kb x16, Boot Block Single Supply Flash Memory
M29W400DT STMICROELECTRONICS-M29W400DT Datasheet
291Kb / 38P
   4 Mbit (512Kb x8 or 256Kb x16, Boot Block) 3V Supply Flash Memory
M29W400T STMICROELECTRONICS-M29W400T Datasheet
245Kb / 34P
   4 Mbit 512Kb x8 or 256Kb x16, Boot Block Low Voltage Single Supply Flash Memory
M29W400BB STMICROELECTRONICS-M29W400BB Datasheet
248Kb / 25P
   4 Mbit (512Kb x8 or 256Kb x16, Boot Block) Low Voltage Single Supply Flash Memory
M29W400BT STMICROELECTRONICS-M29W400BT Datasheet
146Kb / 22P
   4 Mbit 512Kb x8 or 256Kb x16, Boot Block Low Voltage Single Supply Flash Memory
M29F800AT STMICROELECTRONICS-M29F800AT Datasheet
142Kb / 21P
   8 Mbit 1Mb x8 or 512Kb x16, Boot Block Single Supply Flash Memory
M29F200T STMICROELECTRONICS-M29F200T Datasheet
224Kb / 33P
   2 Mbit 256Kb x8 or 128Kb x16, Boot Block Single Supply Flash Memory
logo
Micron Technology
M29F200BB70N6 MICRON-M29F200BB70N6 Datasheet
373Kb / 39P
   2 Mbit (256Kb x8 or 128Kb x16, Boot Block) Single Supply Flash Memory
logo
STMicroelectronics
M29F200BT STMICROELECTRONICS-M29F200BT Datasheet
146Kb / 22P
   2 Mbit 256Kb x8 or 128Kb x16, Boot Block Single Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com