Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1SS84 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part No. 1SS84
Description  Silicon Epitaxial Planar Diode for High Speed Switching
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

1SS84 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  1SS84 Datasheet HTML 1Page - Hitachi Semiconductor 1SS84 Datasheet HTML 2Page - Hitachi Semiconductor 1SS84 Datasheet HTML 3Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Forward voltage V
(V)
F
0
0.2
0.8
10
10
-6
10
-3
-2
0.6
1.0
0.4
10
-1
10
-4
10
-5
Reverse voltage V (V)
R
020
10
10
-10
10
-8
-7
60
80
40
10
-6
10
-5
100
10
-9
Ta= 0 °C
Ta=75°C
Ta=125°C
Ta=25°C
Reverse voltage V (V)
R
1.0
10
2
10
1.0
10
-1
10
f=1MHz
Fig.1 Forward current Vs.
Forward voltage
Fig.2 Reverse current Vs.
Reverse voltage
Fig.3 Capacitance Vs.
Reverse voltage
1SS84


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn