Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIR26-21C Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # SIR26-21C
Description  1.6mm round Subminiature Infrared LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

SIR26-21C Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  SIR26-21C Datasheet HTML 1Page - Everlight Electronics Co., Ltd SIR26-21C Datasheet HTML 2Page - Everlight Electronics Co., Ltd SIR26-21C Datasheet HTML 3Page - Everlight Electronics Co., Ltd SIR26-21C Datasheet HTML 4Page - Everlight Electronics Co., Ltd SIR26-21C Datasheet HTML 5Page - Everlight Electronics Co., Ltd SIR26-21C Datasheet HTML 6Page - Everlight Electronics Co., Ltd SIR26-21C Datasheet HTML 7Page - Everlight Electronics Co., Ltd SIR26-21C Datasheet HTML 8Page - Everlight Electronics Co., Ltd SIR26-21C Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 2
Page: 5 of 10
Device No:DTS-262-157
Prepared date:07-20-2005
Prepared by:Jaine Tsai
25
1.1
1.2
1.3
1.4
50
75
100
120
IF=20mA
-20
0.6
0.9
0.7
0.8
1.0
0.2
0.4
0
0.2 0.4 0.6
50
70
80
60
40
30
-10
020
10
0
10
10
0
10
1
10
2
3
10
4
10
100
1000
IF-Forward Current (mA)
25
0
2
4
6
50
75
100
120
IF=20mA
SIR26-21C/L117/TR8
Typical Electro-Optical Characteristics Curves
Fig.5 Relative Intensity vs.
Fig.6 Relative Radiant Intensity vs.
Forward Current
Angular Displacement
Fig.7 Relative Intensity vs.
Fig.8 Forward Current vs.
Ambient Temperature(°C)
Ambient Temperature(°C)


Similar Part No. - SIR26-21C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
SIR204-A EVERLIGHT-SIR204-A Datasheet
191Kb / 7P
   3mm Infrared LED, T-1
SIR204-A EVERLIGHT-SIR204-A Datasheet
256Kb / 8P
   3mm Infrared LED
SIR204C EVERLIGHT-SIR204C Datasheet
184Kb / 7P
   3mm Infrared LED , T-1
SIR204C EVERLIGHT-SIR204C Datasheet
252Kb / 8P
   3mm Infrared LED
SIR23-21C EVERLIGHT-SIR23-21C Datasheet
214Kb / 10P
   Infrared LED
More results

Similar Description - SIR26-21C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EAIST3216A0 EVERLIGHT-EAIST3216A0 Datasheet
480Kb / 9P
   1.6mm round Subminiature Infrared LED
IR26-21C-L110-TR8 EVERLIGHT-IR26-21C-L110-TR8_15 Datasheet
216Kb / 9P
   1.6mm round Subminiature Infrared LED
IR26-21C-L110-TR8 EVERLIGHT-IR26-21C-L110-TR8 Datasheet
184Kb / 10P
   1.6mm round Subminiature Infrared LED
IR26-21C EVERLIGHT-IR26-21C Datasheet
179Kb / 10P
   1.6mm round Subminiature Infrared LED
EAIST3216A3 EVERLIGHT-EAIST3216A3 Datasheet
576Kb / 9P
   1.6mm Round Subminiature Infrared LED
IR26-51C-L110-TR8 EVERLIGHT-IR26-51C-L110-TR8 Datasheet
183Kb / 10P
   1.6mm round Subminiature Side Looking Infrared LED
IR26-51C EVERLIGHT-IR26-51C Datasheet
177Kb / 10P
   1.6mm round Subminiature Side Looking Infrared LED
EAISV3026A0 EVERLIGHT-EAISV3026A0 Datasheet
675Kb / 9P
   1.6mm round Subminiature Side Looking Infrared LED
EAISV3024A0 EVERLIGHT-EAISV3024A0 Datasheet
429Kb / 9P
   1.6mm round Subminiature Side Looking Infrared LED
IR26-51C-L110-TR8 EVERLIGHT-IR26-51C-L110-TR8_15 Datasheet
319Kb / 9P
   1.6mm round Subminiature Side Looking Infrared LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com