Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIR17-21C Datasheet(PDF) 10 Page - Everlight Electronics Co., Ltd

Part # SIR17-21C
Description  Infrared Chip LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

SIR17-21C Datasheet(HTML) 10 Page - Everlight Electronics Co., Ltd

Back Button SIR17-21C Datasheet HTML 2Page - Everlight Electronics Co., Ltd SIR17-21C Datasheet HTML 3Page - Everlight Electronics Co., Ltd SIR17-21C Datasheet HTML 4Page - Everlight Electronics Co., Ltd SIR17-21C Datasheet HTML 5Page - Everlight Electronics Co., Ltd SIR17-21C Datasheet HTML 6Page - Everlight Electronics Co., Ltd SIR17-21C Datasheet HTML 7Page - Everlight Electronics Co., Ltd SIR17-21C Datasheet HTML 8Page - Everlight Electronics Co., Ltd SIR17-21C Datasheet HTML 9Page - Everlight Electronics Co., Ltd SIR17-21C Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 3
Page: 10 of 10
Device No:DTS-172-001
Prepared date:07-20-2005
Prepared by:Jaine Tsai
RoHS
SIR17-21C/TR8
Packing Quantity Specification
1.3000Pcs/1Volume,1Volume/1Bag
2.10Boxes/1Carton
Label Form Specification
CPN: Customer’s Production Number
P/N : Production Number
QTY: Packing Quantity
CAT: Ranks
HUE: Peak Wavelength
REF: Reference
LOT No: Lot Number
MADE IN TAIWAN: Production Place
Notes
1. Above specification may be changed without notice. EVERLIGHT will reserve authority on
material change for above specification.
2. When using this product, please observe the absolute maximum ratings and the instructions
for using outlined in these specification sheets. EVERLIGHT assumes no responsibility for
any damage resulting from use of the product which does not comply with the absolute
maximum ratings and the instructions included in these specification sheets.
3. These specification sheets include materials protected under copyright of EVERLIGHT
corporation. Please don’t reproduce or cause anyone to reproduce them without
EVERLIGHT’s consent.
EVERLIGHT ELECTRONICS CO., LTD.
Tel: 886-2-2267-2000, 2267-9936
Office: No 25, Lane 76, Sec 3, Chung Yang Rd,
Fax: 886-2267-6244, 2267-6189, 2267-6306
Tucheng, Taipei 236, Taiwan, R.O.C
http:\\www.everlight.com
SIR17-21C/TR8


Similar Part No. - SIR17-21C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIR170DP VISHAY-SIR170DP Datasheet
268Kb / 9P
   N-Channel 100 V (D-S) MOSFET
01-Jan-2022
SIR170DP-T1-RE3 VISHAY-SIR170DP-T1-RE3 Datasheet
268Kb / 9P
   N-Channel 100 V (D-S) MOSFET
01-Jan-2022
logo
Vishay Telefunken
SIR172ADP TFUNK-SIR172ADP Datasheet
328Kb / 13P
   N-Channel 30 V (D-S) MOSFET
logo
Vishay Siliconix
SIR172ADP VISHAY-SIR172ADP Datasheet
332Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev.B, 27-Aug-12
SIR172ADP VISHAY-SIR172ADP Datasheet
329Kb / 13P
   N-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SIR17-21C

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
IR17-21C A-BRIGHT-IR17-21C Datasheet
325Kb / 5P
   Chip Infrared LED
2006/9/28
logo
KODENSHI_AUK CORP.
OPA9425AL KODENSHI-OPA9425AL Datasheet
100Kb / 1P
   Infrared LED Chip
OPA9441F KODENSHI-OPA9441F Datasheet
97Kb / 1P
   Infrared LED Chip
OPA9454 KODENSHI-OPA9454 Datasheet
95Kb / 1P
   Infrared LED Chip
OPA7740EDD KODENSHI-OPA7740EDD Datasheet
103Kb / 1P
   Infrared LED Chip
OPA8328H KODENSHI-OPA8328H Datasheet
105Kb / 1P
   Infrared LED Chip
OPA8525HP KODENSHI-OPA8525HP Datasheet
98Kb / 1P
   Infrared LED Chip
OPA8535H(A) KODENSHI-OPA8535H(A) Datasheet
100Kb / 1P
   Infrared LED Chip
OPA8537RC KODENSHI-OPA8537RC Datasheet
121Kb / 1P
   Infrared LED Chip
OPA8709 KODENSHI-OPA8709 Datasheet
99Kb / 1P
   Infrared LED Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com