Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3505 Datasheet(PDF) 4 Page - International Rectifier

Part # IR3505
Description  XPHASE3TM PHASE IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3505 Datasheet(HTML) 4 Page - International Rectifier

  IR3505 Datasheet HTML 1Page - International Rectifier IR3505 Datasheet HTML 2Page - International Rectifier IR3505 Datasheet HTML 3Page - International Rectifier IR3505 Datasheet HTML 4Page - International Rectifier IR3505 Datasheet HTML 5Page - International Rectifier IR3505 Datasheet HTML 6Page - International Rectifier IR3505 Datasheet HTML 7Page - International Rectifier IR3505 Datasheet HTML 8Page - International Rectifier IR3505 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
IR3505
Page 4 of 19
Mar 04
th, 2008
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
PWM Comparator
PWM Ramp Slope
Vin=12V
42
52.5
57
mV/
%DC
Input Offset Voltage
Note 1
-5
0
5
mV
EAIN Bias Current
0 ≤ EAIN ≤ 3V
-5
-0.3
5
µA
Minimum Pulse Width
Note 1
65
75
ns
Minimum GATEH Turn-off
Time
20
80
160
nS
Current Sense Amplifier
CSIN+/- Bias Current
-200
0
200
nA
CSIN+/- Bias Current
Mismatch
Note 1
-50
0
50
nA
Input Offset Voltage
CSIN+ = CSIN- = DACIN. Measure
input referred offset from DACIN
-1
1
mV
Gain
0.5V ≤ V(DACIN) < 1.6V
30
32.5
35
V/V
Unity Gain Bandwidth
C(ISHARE)=10pF. Measure at ISHARE.
Note 1
4.8
6.8
8.8
MHz
Slew Rate
6
V/µs
Differential Input Range
0.8V ≤ V(DACIN) ≤ 1.6V, Note 1
-10
50
mV
Differential Input Range
0.5V ≤ V(DACIN) < 0.8V, Note 1
-5
50
mV
Common Mode Input Range
Note 1
0
Note2
V
Rout at TJ = 25
oC
Note 1
2.3
3.0
3.7
k
Rout at TJ = 125
oC
3.6
4.7
5.4
k
ISHARE Source Current
0.500
1.6
2.9
mA
ISHARE Sink Current
0.500
1.4
2.9
mA
Share Adjust Amplifier
Input Offset Voltage
Note 1
-3
0
3
mV
Differential Input Range
Note 1
-1
1
V
Gain
CSIN+ = CSIN- = DACIN. Note 1
4
5.0
6
V/V
Unity Gain Bandwidth
Note 1
4
8.5
17
kHz
PWM Ramp Floor Voltage
ISHARE unconnected
Measured Relative to DACIN
-116
0
+116
mV
Maximum PWM Ramp Floor
Voltage
ISHARE = DACIN - 200mV
Measured relative to FLOOR with
ISHARE unconnected
120
180
240
mV
Minimum PWM Ramp Floor
Voltage
ISHARE = DACIN + 200mV
Measured relative to FLOOR with
ISHARE unconnected
-220
-160
-100
mV
Body Brake Comparator
Threshold Voltage with EAIN
falling.
Measured relative to PWM Ramp Floor
Voltage
-300
-200
-110
mV
Threshold Voltage with EAIN
rising.
Measured relative to PWM Ramp Floor
Voltage
-200
-100
-10
mV
Hysteresis
70
105
130
mV
Propagation Delay
VCCL = 5V. Measure time from EAIN <
V(DACIN) (200mV overdrive) to GATEL
transition to < 4V.
40
65
90
ns


Similar Part No. - IR3505

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3505Z IRF-IR3505Z Datasheet
486Kb / 20P
   XPHASE3TM PHASE IC
IR3505ZMPBF IRF-IR3505ZMPBF Datasheet
486Kb / 20P
   XPHASE3TM PHASE IC
IR3505ZMTRPBF IRF-IR3505ZMTRPBF Datasheet
486Kb / 20P
   XPHASE3TM PHASE IC
More results

Similar Description - IR3505

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3508 IRF-IR3508 Datasheet
1Mb / 19P
   XPHASE3TM PHASE IC
IR3508Z IRF-IR3508Z Datasheet
454Kb / 19P
   XPHASE3TM PHASE IC
IR3507 IRF-IR3507 Datasheet
356Kb / 19P
   XPHASE3TM PHASE IC
IR3529 IRF-IR3529 Datasheet
451Kb / 22P
   XPHASE3TM PHASE IC
IR3507PBF IRF-IR3507PBF Datasheet
504Kb / 19P
   XPHASE3TM PHASE IC
IR3505Z IRF-IR3505Z Datasheet
486Kb / 20P
   XPHASE3TM PHASE IC
IR3507Z IRF-IR3507Z Datasheet
475Kb / 19P
   XPHASE3TM PHASE IC
IR3527 IRF-IR3527 Datasheet
2Mb / 20P
   XPHASE3TM DUAL PHASE IC
IR3506 IRF-IR3506 Datasheet
366Kb / 21P
   XPHASE3TM DDR & VTT PHASE IC
IR3502B IRF-IR3502B Datasheet
449Kb / 38P
   XPHASE3TM CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com