Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ILD621 Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. ILD621
Description  Optocoupler, Phototransistor Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILD621 Datasheet(HTML) 2 Page - Vishay Siliconix

  ILD621_07 Datasheet HTML 1Page - Vishay Siliconix ILD621_07 Datasheet HTML 2Page - Vishay Siliconix ILD621_07 Datasheet HTML 3Page - Vishay Siliconix ILD621_07 Datasheet HTML 4Page - Vishay Siliconix ILD621_07 Datasheet HTML 5Page - Vishay Siliconix ILD621_07 Datasheet HTML 6Page - Vishay Siliconix ILD621_07 Datasheet HTML 7Page - Vishay Siliconix ILD621_07 Datasheet HTML 8Page - Vishay Siliconix ILD621_07 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83654
2
Rev. 1.5, 20-Dec-07
ILD621/ILD621GB/ILQ621/ILQ621GB
Vishay Semiconductors
Optocoupler, Phototransistor Output
(Dual, Quad Channel)
Note
For additional information on the available options refer to option information.
Notes
(1) Tamb = 25 °C, unless otherwise specified.
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute maximum
ratings for extended periods of the time can adversely affect reliability.
(2) Refer to reflow profile for soldering conditions for surface mounted devices (SMD). Refer to wave profile for soldering conditions for through
hole devices (DIP).
ILD621-X007
CTR
> 50 %, dual, SMD-8 (option 7)
ILD621-X009
CTR
> 50 %, dual, SMD-8 (option 9)
ILD621GB-X007
CTR
> 100 %, dual, SMD-8 (option 7)
ILQ621-X006
CTR
> 50 %, quad, DIP-16 400 mil
ILQ621-X007
CTR
> 50 %, quad, SMD-16 (option 7)
ILQ621-X009
CTR
> 50 %, quad, SMD-16 (option 9)
ILQ621GB-X006
CTR
> 100 %, quad, DIP-16 400 mil
ILQ621GB-X007
CTR
> 100 %, quad, SMD-16 (option 7)
ILQ621GB-X009
CTR
> 100 %, quad, SMD-16 (option 9)
ORDER INFORMATION
PART
REMARKS
ABSOLUTE MAXIMUM RATINGS (1)
PARAMETER
TEST CONDITION
PART
SYMBOL
VALUE
UNIT
INPUT
Reverse voltage
VR
6.0
V
Forward current
IF
60
mA
Surge current
IFSM
1.5
A
Power dissipation
Pdiss
100
mW
Derate from 25 °C
1.33
mW/°C
OUTPUT
Collector emitter reverse voltage
VECO
70
V
Collector current
IC
50
mA
t < 1.0 ms
IC
100
mA
Power dissipation
Pdiss
150
mW
Derate from 25 °C
- 2.0
mW/°C
COUPLER
Isolation test voltage
t = 1.0 s
VISO
5300
VRMS
Package dissipation
ILD621
400
mW
ILD621GB
400
mW
Derate from 25 °C
5.33
mW/°C
Package dissipation
ILQ621
500
mW
ILQ621GB
500
mW
Derate from 25 °C
6.67
mW/°C
Creepage distance
≥ 7.0
mm
Clearance distance
≥ 7.0
mm
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
≥ 1012
Ω
VIO = 500 V, Tamb = 100 °C
RIO
≥ 1011
Ω
Storage temperature
Tstg
- 55 to + 150
°C
Operating temperature
Tamb
- 55 to + 100
°C
Junction temperature
Tj
100
°C
Soldering temperature (2)
2.0 mm from case bottom
Tsld
260
°C


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn