Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ILD621 Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. ILD621
Description  Optocoupler, Phototransistor Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILD621 Datasheet(HTML) 1 Page - Vishay Siliconix

  ILD621_07 Datasheet HTML 1Page - Vishay Siliconix ILD621_07 Datasheet HTML 2Page - Vishay Siliconix ILD621_07 Datasheet HTML 3Page - Vishay Siliconix ILD621_07 Datasheet HTML 4Page - Vishay Siliconix ILD621_07 Datasheet HTML 5Page - Vishay Siliconix ILD621_07 Datasheet HTML 6Page - Vishay Siliconix ILD621_07 Datasheet HTML 7Page - Vishay Siliconix ILD621_07 Datasheet HTML 8Page - Vishay Siliconix ILD621_07 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Document Number: 83654
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.5, 20-Dec-07
1
Optocoupler, Phototransistor Output
(Dual, Quad Channel)
ILD621/ILD621GB/ILQ621/ILQ621GB
Vishay Semiconductors
DESCRIPTION
The
ILD621/ILQ621
and
ILD621GB/ILQ621GB
are
multi-channel phototransistor optocouplers that use GaAs
IRLED emitters and high gain NPN silicon phototransistors.
These devices are constructed using double molded
insulation technology. This assembly process offers a
withstand test voltage of 7500 VDC.
The ILD621/ILQ621GB is well suited for CMOS interfacing
given the CTRCEsat of 30 % minimum at IF of 1.0 mA. High
gain linear operation is guaranteed by a minimum CTRCE of
100 % at 5.0 mA. The ILD/Q621 has a guaranteed CTRCE
50 % minimum at 5.0 mA. The transparent ion shield insures
stable DC gain in applications such as power supply
feedback circuits, where constant DC VIO voltages are
present.
FEATURES
• Alternate
source
to
TLP621-2/-4
and
TLP621GB-2/-4
• High collector emitter voltage, BVCEO = 70 V
• Dual and quad packages feature:
- Lower pin and parts count
- Better channel to channel CTR match
- Improved common mode rejection
• Isolation test voltage, 5300 VRMS
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC and
WEEE 2002/96/EC
AGENCY APPROVALS
• UL1577, file no. E52744 system code H or J, double
protection
• DIN EN 60747-5-2 (VDE 0884)/DIN EN 60747-5-5 pending
available with option 1
• BSI IEC 60950; IEC 60065
•FIMKO
i179054
1
2
3
4
8
7
6
5
E
C
C
E
A
C
C
A
A
C
C
A
A
C
C
A
E
C
C
E
E
C
C
E
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
Dual Channel
Quad Channel
ORDER INFORMATION
PART
REMARKS
ILD621
CTR > 50 %, dual, DIP-8
ILD621GB
CTR
> 100 %, dual, DIP-8
ILQ621
CTR > 50 %, quad, DIP-16
ILQ621GB
CTR
> 100 %, quad, DIP-16
ILD621-X006
CTR
> 50 %, dual, DIP-8 400 mil


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn