Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3601 Datasheet(PDF) 2 Page - Advanced Analogic Technologies

Part # AAT3601
Description  Total Power Solution for Portable Applications
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3601 Datasheet(HTML) 2 Page - Advanced Analogic Technologies

  AAT3601 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3601 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3601 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3601 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3601 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3601 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3601 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3601 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3601 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
AAT3601178
Total Power Solution for Portable Applications
PRODUCT DATASHEET
2
3601.2008.02.1.0
www .analogictech.com
AAT3601178
Total Power Solution for Portable Applications
PRODUCT DATASHEET
2
3601.2008.02.1.0
www .analogictech.com
Typical Application
Enable
Step-down
BUCK
CHGIN
UVLO
BAT
PGND
SYSOUT
100m
Ω
500m
Ω
PVIN
LX
OUTBUCK
OUT5
OUT4
VIN
OUT3
OUT2
OUT1
REF
AVIN2
EN_NP
WDI
TEMP_FLAG
RSTIN
Ref
CNOISE
AGND
AVIN1
VIN
I2C
and
Enable/Reset
Control
EN_SYS
RSTLPW
SDA
SCL
ISET
Ref
Charger
Control
STAT_BAT
STAT
ENBAT
USE_USB
TS
SYSOUT
LDO
CT
EN_PE
To AVIN1,AVIN2, PVIN
10μF
5V from
AC Adapter or USB Port
System Supply
10μF
1 cell
Li+
battery
+
-
To SYSOUT
To SYSOUT
To SYSOUT
10μF
0.01μF
4.7μF
2.2μH
NP 1.24V
300mA
10μF
10μF
10μF
10μF
22μF
PE
3.4V, 150mA
NP
3.4V, 300mA
PE
1.24V, 300mA
NP
1.85V, 300mA
PE
1.85V, 300mA
1.24k
10k
Ω
NTC
For BAT
Temp sense
0.1μF
100k
To
OUT1
100k
To
SYSOUT
μC
100k
To
SYSOUT
100k
100k
To
OUT1


Similar Part No. - AAT3601

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3601 ANALOGICTECH-AAT3601 Datasheet
987Kb / 37P
   Total Power Solution for Portable Applications
AAT3601IIH-T1 ANALOGICTECH-AAT3601IIH-T1 Datasheet
987Kb / 37P
   Total Power Solution for Portable Applications
AAT3601 ANALOGICTECH-AAT3601_08 Datasheet
987Kb / 37P
   Total Power Solution for Portable Applications
logo
Skyworks Solutions Inc.
AAT3601 SKYWORKS-AAT3601_13 Datasheet
3Mb / 1P
   Total Power Solution for Portable Applications
More results

Similar Description - AAT3601

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2552 ANALOGICTECH-AAT2552 Datasheet
1Mb / 33P
   Total Power Solution for Portable Applications
AAT2550 ANALOGICTECH-AAT2550_08 Datasheet
782Kb / 34P
   Total Power Solution for Portable Applications
AAT2552 ANALOGICTECH-AAT2552_08 Datasheet
829Kb / 31P
   Total Power Solution for Portable Applications
AAT2603 ANALOGICTECH-AAT2603_08 Datasheet
3Mb / 26P
   Total Power Solution for Portable Applications
AAT2550 ANALOGICTECH-AAT2550 Datasheet
906Kb / 35P
   Total Power Solution for Portable Applications
logo
Skyworks Solutions Inc.
AAT2601B SKYWORKS-AAT2601B Datasheet
4Mb / 39P
   Total Power Solution for Portable Applications
logo
Advanced Analogic Techn...
AAT2554 ANALOGICTECH-AAT2554 Datasheet
1Mb / 33P
   Total Power Solution for Portable Applications
logo
Skyworks Solutions Inc.
AAT2550 SKYWORKS-AAT2550 Datasheet
2Mb / 34P
   Total Power Solution for Portable Applications
AAT2554 SKYWORKS-AAT2554 Datasheet
2Mb / 31P
   Total Power Solution for Portable Applications
AAT2601 SKYWORKS-AAT2601 Datasheet
4Mb / 38P
   Total Power Solution for Portable Applications
logo
Advanced Analogic Techn...
AAT2601 ANALOGICTECH-AAT2601 Datasheet
1Mb / 38P
   Total Power Solution for Portable Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com