Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62355 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62355
Description  800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62355 Datasheet(HTML) 2 Page - Texas Instruments

  TPS62355 Datasheet HTML 1Page - Texas Instruments TPS62355 Datasheet HTML 2Page - Texas Instruments TPS62355 Datasheet HTML 3Page - Texas Instruments TPS62355 Datasheet HTML 4Page - Texas Instruments TPS62355 Datasheet HTML 5Page - Texas Instruments TPS62355 Datasheet HTML 6Page - Texas Instruments TPS62355 Datasheet HTML 7Page - Texas Instruments TPS62355 Datasheet HTML 8Page - Texas Instruments TPS62355 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
ABSOLUTE MAXIMUM RATINGS
TPS62350, TPS62351
TPS62352, TPS62353
TPS62354, TPS62355, TPS62356
SLVS540E – MAY 2006 – REVISED APRIL 2008 .............................................................................................................................................................. www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
DEFAULT
I2C
DEFAULT
OUTPUT
OUTPUT
LSB ADDRESS
PART
VALUE
PACKAGE
VOLTAGE
SYNC
PACKAGE
ORDERING(3)
VOLTAGE(2)
BITS(2)
NUMBER(1)
EN_DCDC
MARKING
RANGE (2)
BIT(2)
VSEL0
VSEL1
A1
A0
TPS62350(4)
0.75 V to 1.5375 V
1.05 V
1.35 V
1
YES
0
0
CSP-12
TPS62350YZG
TPS62350
NO
1
0
QFN-10
TPS62351DRC
BNT
TPS62351
0.9 V to 1.6875 V
1.10 V
1.50 V
0
YES
1
0
CSP-12
TPS62351YZG
TPS62351
TPS62352(4)
0.75 V to 1.4375 V
1.05 V
1.20 V
1
YES
1
0
CSP-12
TPS62352YZG
TPS62352
TPS62353
0.75 V to 1.5375 V
1.00 V
1.20 V
1
YES
0
0
CSP-12
TPS62353YZG
TPS62353
TPS62354(4)
0.75 V to 1.5375 V
1.05 V
1.30 V
1
YES
1
0
CSP-12
TPS62354YZG
TPS62354
TPS62355(4)
0.75 V to 1.5375 V
0.90 V
1.15 V
1
NO
1
1
QFN-10
TPS62355DRC
CCP
TPS62356
1.5 V to 1.975 V
1.80 V
1.80 V
1
YES
0
0
CSP-12
TPS62356YZG
TPS62356
(1)
All devices are specified for operation in the commercial temperature range, –40
°C to 85°C.
(2)
For customized output voltage range, default output voltage and I2C address, contact the factory.
(3)
The YZG package is available in tape and reel. Add R suffix (TPS6235xYZGR, TPS6235xDRCR) to order quantities of 3000 parts. Add
T suffix (TPS6235xYZGT, TPS6235xDRCT) to order quantities of 250 parts. For the most current package and ordering information, see
the Package Option Addendum at the end of this document, or see the TI website at www.ti.com.
(4)
The following registers bits are set by internal hardware logic and not user programmable through I2C:
a. VSEL0[7:6] = 11
b. VSEL1[7:6] = 11
c. CONTROL1[4:2] = 100
d. CONTROL2[7:6] = 10, CONTROL2[4:3] = 00
over operating free-air temperature range (unless otherwise noted)
(1)
UNITS
Voltage at AVIN, PVIN(2)
-0.3 V to 7 V
Voltage at SW (2)
-0.3 V to 7 V
VI
Voltage at EN, VSEL, SCL, SDA, SYNC (2)
-0.3 V to 7 V
Voltage at FB(2)
-0.3 V to 4.2 V
Power dissipation
Internally limited
TJ
Maximum operating junction temperature
150
°C
Tstg
Storage temperature range
–65
°C to 150°C
Human body model
2 kV
ESD rating(3)
Charge device model
1 kV
Machine model
200 V
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
(3)
The human body model is a 100-pF capacitor discharged through a 1.5-k
Ω resistor into each pin. The machine model is a 200-pF
capacitor discharged directly into each pin.
2
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): TPS62350, TPS62351 TPS62352, TPS62353 TPS62354, TPS62355, TPS62356


Similar Part No. - TPS62355

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62355 TI-TPS62355 Datasheet
1Mb / 45P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62355DRCR TI1-TPS62355DRCR Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER
TPS62355DRCRG4 TI1-TPS62355DRCRG4 Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER
More results

Similar Description - TPS62355

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62350_071 TI-TPS62350_071 Datasheet
1Mb / 45P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62350 TI-TPS62350_07 Datasheet
1Mb / 46P
[Old version datasheet]   800-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62650-Q1 TI1-TPS62650-Q1 Datasheet
1,006Kb / 40P
[Old version datasheet]   800-mA, 6-MHz High-Efficiency Step-Down Converter With I2C??Compatible Interface in Chip-Scale Packaging
TPS62350 TI-TPS62350 Datasheet
113Kb / 1P
[Old version datasheet]   800-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I-2 C-TM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62355DRCR TI1-TPS62355DRCR Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER
TPS62300 TI-TPS62300 Datasheet
1,004Kb / 31P
[Old version datasheet]   500-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62300 TI-TPS62300_07 Datasheet
1Mb / 37P
[Old version datasheet]   500-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62650 TI-TPS62650_15 Datasheet
1Mb / 39P
[Old version datasheet]   800-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62650 TI-TPS62650 Datasheet
1Mb / 37P
[Old version datasheet]   800-mA 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62600 TI-TPS62600 Datasheet
590Kb / 21P
[Old version datasheet]   500-mA, 6-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com