Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

93LC66 Datasheet(PDF) 10 Page - Microchip Technology

Part # 93LC66
Description  Lowpower 3-wire non-volatile memories
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LC66 Datasheet(HTML) 10 Page - Microchip Technology

Back Button 93LC66 Datasheet HTML 6Page - Microchip Technology 93LC66 Datasheet HTML 7Page - Microchip Technology 93LC66 Datasheet HTML 8Page - Microchip Technology 93LC66 Datasheet HTML 9Page - Microchip Technology 93LC66 Datasheet HTML 10Page - Microchip Technology 93LC66 Datasheet HTML 11Page - Microchip Technology 93LC66 Datasheet HTML 12Page - Microchip Technology 93LC66 Datasheet HTML 13Page - Microchip Technology 93LC66 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
DS00560D-page 10
© 1994 Microchip Technology Inc.
Using the 93LC56 and 93LC66
0253
;
written to.
0254
;
0255
;****************************************************************
16c5x/7x Cross-Assembler V4.12 Released
Mon Jun 06 10:49:06 1994
Page 6
Line
PC
Opcode
0256
EWDS
0257
;
0258
005D
090E
call
BSTART
; generate a start bit
0259
;
0260
005E
0C02
movlw
.2
; set # bits to 2
0261
005F
0032
movwf
bits
;
0262
0060
0C00
movlw
b’00000000'
; get the opcode (00b)
0263
0061
0030
movwf
txbuf
; into the output buffer
0264
0062
0925
call
TX
; and transmit it
0265
0063
0C08
movlw
.8
; set # bits to 8
0266
0064
0032
movwf
bits
;
0267
0065
0C00
movlw
b’00000000'
; get opcode and address
0268
;
(00XXXXXX)
0269
0066
0030
movwf
txbuf
; into output buffer
0270
0067
0925
call
TX
; and transmit it
0271
0068
0486
bcf
port_b,chpsel
; set chip select line low
0272
0069
0000
nop
0273
006A
0A34
goto
EWEN
; start all over
0274
;
0275
0000
END
8-108


Similar Part No. - 93LC66

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93LC66 MICROCHIP-93LC66 Datasheet
222Kb / 12P
   1K/2K/4K 2.0V Microwire Serial EEPROM
2004
93LC66 MICROCHIP-93LC66 Datasheet
328Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
2004
93LC66 MICROCHIP-93LC66 Datasheet
321Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
10/26/12
93LC66 MICROCHIP-93LC66 Datasheet
321Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
10/26/12
93LC66 MICROCHIP-93LC66 Datasheet
246Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
07/12/04
More results

Similar Description - 93LC66

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA256A3 ATMEL-ATXMEGA256A3_14 Datasheet
3Mb / 134P
   Non-volatile Program and Data Memories
ATXMEGA16A4 ATMEL-ATXMEGA16A4_14 Datasheet
3Mb / 108P
   Non-volatile Program and Data Memories
ATMEGA165 ATMEL-ATMEGA165_14 Datasheet
3Mb / 336P
   Non-volatile Program and Data Memories
ATXMEGA128A4 ATMEL-ATXMEGA128A4_14 Datasheet
3Mb / 108P
   Non-volatile Program and Data Memories
AT90CAN64 ATMEL-AT90CAN64_14 Datasheet
5Mb / 428P
   Non volatile Program and Data Memories
ATTINY43U ATMEL-ATTINY43U_14 Datasheet
5Mb / 210P
   Non-volatile Program and Data Memories
ATXMEGA32A4 ATMEL-ATXMEGA32A4_14 Datasheet
3Mb / 108P
   Non-volatile Program and Data Memories
AT90USB1287 ATMEL-AT90USB1287_14 Datasheet
11Mb / 456P
   Non-volatile program and data memories
ATMEGA16U2 ATMEL-ATMEGA16U2_14 Datasheet
4Mb / 310P
   Non-volatile Program and Data Memories
ATMEGA32U2 ATMEL-ATMEGA32U2_14 Datasheet
4Mb / 310P
   Non-volatile Program and Data Memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com