Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELS-815SURWA Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # ELS-815SURWA
Description  0.8 Single Digit Displays
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELS-815SURWA Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  ELS-815SURWA Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELS-815SURWA Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELS-815SURWA Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELS-815SURWA Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELS-815SURWA Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELS-815SURWA Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELS-815SURWA Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
0.8" Single Digit Displays
ELS-815SURWA/S530-A3
█ Typical Electro-Optical Characteristic Curves:
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev. : 1
Page: 4 of 6
Device Number :CDDS-815-009
Prepared date:2005/03/28
Prepared by: YanLi Zhong


Similar Part No. - ELS-815SURWA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELS-815SYGWA EVERLIGHT-ELS-815SYGWA Datasheet
123Kb / 6P
   0.8 Single Digit Displays
ELS-815SYGWA/S530-E2 EVERLIGHT-ELS-815SYGWA/S530-E2 Datasheet
123Kb / 6P
   0.8 Single Digit Displays
More results

Similar Description - ELS-815SURWA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELS-815SYGWA EVERLIGHT-ELS-815SYGWA Datasheet
123Kb / 6P
   0.8 Single Digit Displays
ELS-815USOWA EVERLIGHT-ELS-815USOWA Datasheet
124Kb / 6P
   0.8 Single Digit Displays
ELS-816SURWA EVERLIGHT-ELS-816SURWA Datasheet
136Kb / 7P
   0.8 Single Digit Displays
ELS-816SYGWA EVERLIGHT-ELS-816SYGWA Datasheet
124Kb / 6P
   0.8 Single Digit Displays
logo
Micro Electronics
MG2801A MICRO-ELECTRONICS-MG2801A Datasheet
61Kb / 2P
   0.8 SINGLE DIGIT NUMBERIC DISPLAYS
MU2801A MICRO-ELECTRONICS-MU2801A Datasheet
61Kb / 2P
   0.8 SINGLE DIGIT NUMBERIC DISPLAYS
logo
Lite-On Technology Corp...
LTS-3406L LITEON-LTS-3406L Datasheet
1Mb / 8P
   0.8 SINGLE DIGIT NUMERIC DISPLAYS
logo
Everlight Electronics C...
S816USOWA-S530-A3 EVERLIGHT-S816USOWA-S530-A3 Datasheet
125Kb / 6P
   Technical Data Sheet 0.8" Single Digit Displays
logo
Unity Opto Technology
UVS-340XL UOT-UVS-340XL Datasheet
70Kb / 5P
   0.8 inch ( 20.32 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
logo
List of Unclassifed Man...
BS-AD11RD ETC-BS-AD11RD Datasheet
127Kb / 1P
   SINGLE DIGIT LED DISPLAYS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com