Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUCK01-350 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BUCK01-350
Description  High Power Constant Current LED Driver Dimmable
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BUCK01-350 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BUCK01-350 Datasheet HTML 1Page - List of Unclassifed Manufacturers BUCK01-350 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DC DRIVER
BUCK01 SERIES
High Power Constant Current LED Driver Dimmable
Total Power -----------------------
20 Watts max
Input voltages ---------------------
5 ~ 30 VDC
MODEL:BUCK01-xxxx
OUTPUT (LED)
DC INPUT
Voltage (V)
Voltage (V)
Current
(mA)
MODEL NO.
Min
Max
Min
Max
Typ
Efficiency
Max
%
Watts
Max
(W)
BUCK01-350
5
30
1
Vin ~ 0.8
350 ± 7.5%
95
10
BUCK01-700
5
30
1
Vin ~ 0.8
700 ± 7.5%
95
20
BUCK01-1000
5
20
1
Vin ~ 0.8
1000 ± 7.5%
94
20
BUCK01-1200
5
15
1
Vin ~ 0.8
1200 ± 7.5%
94
18
BUCK01-1500
5
12
1
Vin ~ 0.8
1500 ± 7.5%
93
18
SPECIAL FEATURES
n
Output short circuit protection
n
High efficiency reduce total power consumption
n
Tight regulated constant current output to maximize the LED performance
n
Wide range of input voltage from 5 ~ 30 VDC
n
Wide selection of pre-adjusted C/C outputs
ENVIRONMENTAL
n
Operating temperature -----------------------------
- 40℃
to + 65℃
n
Storage temperature --------------------------------
- 40℃ to + 85℃
n
Humidity (Non – Condensing) ------------------
5% to 95%
n
Cooling -----------------------------------------------
Convection
n
Vibration Frequency --------------------------------
5 to 50 HZ
n
MTBF -----------------------------------
>100,000 Hours at full load and 25℃ ambient conditions (MIL-217F)
PDF created with pdfFactory Pro trial version www.pdffactory.com


Similar Part No. - BUCK01-350

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BUC20-24D1W BOTHHAND-BUC20-24D1W Datasheet
789Kb / 7P
   Isolated DC-DC Converters
BUC20-24D2W BOTHHAND-BUC20-24D2W Datasheet
789Kb / 7P
   Isolated DC-DC Converters
BUC20-24D3W BOTHHAND-BUC20-24D3W Datasheet
789Kb / 7P
   Isolated DC-DC Converters
BUC20-24S0W BOTHHAND-BUC20-24S0W Datasheet
789Kb / 7P
   Isolated DC-DC Converters
BUC20-24S1W BOTHHAND-BUC20-24S1W Datasheet
789Kb / 7P
   Isolated DC-DC Converters
More results

Similar Description - BUCK01-350

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM7140 HMSEMI-HM7140 Datasheet
457Kb / 9P
   Dimmable constant current LED driver
logo
Maxic Technology Corpor...
MT7893 MAXIC-MT7893 Datasheet
141Kb / 1P
   TRIAC Dimmable Constant Current LED Driver
MT7897 MAXIC-MT7897 Datasheet
146Kb / 1P
   TRIAC Dimmable Constant Current LED Driver
MT7652H MAXIC-MT7652H Datasheet
79Kb / 1P
   Linear Dimmable Constant Current LED Driver
logo
QX Micro Devices Co.,Lt...
QX7138 QXMD-QX7138 Datasheet
1Mb / 2P
   PWM dimmable LED constant current driver
logo
Maxic Technology Corpor...
MT7651H MAXIC-MT7651H Datasheet
80Kb / 1P
   Linear Dimmable Constant Current LED Driver
MT7651L MAXIC-MT7651L Datasheet
80Kb / 1P
   Linear Dimmable Constant Current LED Driver
MT7890 MAXIC-MT7890 Datasheet
140Kb / 1P
   TRIAC Dimmable Constant Current LED Driver
MT7898 MAXIC-MT7898 Datasheet
321Kb / 1P
   TRIAC Dimmable Constant Current LED Driver
MT7652L MAXIC-MT7652L Datasheet
79Kb / 1P
   Linear Dimmable Constant Current LED Driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com