Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D1255 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # D1255
Description  Control/Communicators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

D1255 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  D1255 Datasheet HTML 1Page - List of Unclassifed Manufacturers D1255 Datasheet HTML 2Page - List of Unclassifed Manufacturers D1255 Datasheet HTML 3Page - List of Unclassifed Manufacturers D1255 Datasheet HTML 4Page - List of Unclassifed Manufacturers D1255 Datasheet HTML 5Page - List of Unclassifed Manufacturers D1255 Datasheet HTML 6Page - List of Unclassifed Manufacturers D1255 Datasheet HTML 7Page - List of Unclassifed Manufacturers D1255 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
D9412G/D7412G
Control/Communicators
Specifications
Control Features
Eight programmable areas, each with
perimeter/interior partitioning. Regular, master,
associate, or shared option by area
Real-time clock and test timer
Up to 1000-event log, including time, date and
event with area, point and user number
Battery charging circuit; AC power, voltage and
ground fault supervision
Automatic reset circuit protectors
On-board CPU watchdog warning buzzer and
diagnostic LEDs
Lightning and EMI protection
Power limited external circuits
Communicator
Built-in digital communicator with phone line
monitor (loop or ground start)
Multiple telephone numbers, primary and duplicate
paths with main and alternate destinations
All reports within each 4 route groups are
programmable
Optional dual phone line switcher monitors 2 phone
lines
Automatic test and status reports
Time windows for arming and open/close report
suppression
Programmable answering machine work-around for
remote programming on shared phone line
Programmable Outputs
2-amp alarm power @ 12 VDC
1.4-amp aux power @ 12 VDC
4 alarm output patterns
Automatic bell test
Programmable bell shut-off timer
D7412G: 67 programmable outputs
D9412G: 131 programmable outputs
System Response
D7412G: 75 points, 8 on-board, up to 67 off-board
D9412G: 246 points, 8 on-board, up to 238 off-
board
31 custom point indexes, including fire supervisory
Selectable point response time
Fire alarm verification
Fire inspector’s local test
Watch mode
Scheduled events (Skeds) arm, disarm, bypass and
unbypass points, control relays, control authority
levels, control door access and more
User Interface
Supervises up to 8 command centers (up to 32
non-supervised command centers can be used)
Custom command center text
D7412G: 4 custom functions
D9412G: 16 custom functions
Full function command menu including custom
functions
D7412G: 99 Users
D9412G: 249 Users
Each user has authority by area and 16-character
name
14 custom authority levels control user’s authority
to change, add, delete passcodes or access control
tokens/cards, disarm, bypass points, initiate system
tests, and more
Adjustable brightness/loudness for command
center display/ sounder
D7412G: 1 parallel printer
D9412G: 3 parallel printers
Access Control
D7412G: 2 access control doors and 396
tokens/cards
D9412G: 8 access control doors and 996
tokens/cards
Custom door strike, point shunt and auto disarming
response by area
Logging options for: Access Granted, No Entry,
Request to Exit and Request to Enter
14-panel wide access levels with both manual and
scheduled control


Similar Part No. - D1255

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
D125 MPD-D125 Datasheet
200Kb / 2P
   Single & Dual Output Miniature, 1W SIP DC/DC Converters
logo
Intersil Corporation
D125 INTERSIL-D125 Datasheet
4Mb / 122P
   P-CHANNEL JFET
D125 INTERSIL-D125 Datasheet
2Mb / 117P
   Analog Switches and Multiplexers
logo
eupec GmbH
D1251S45T EUPEC-D1251S45T Datasheet
47Kb / 3P
   European Power- Semiconductor and Electronics Company
logo
Tyco Electronics
D12527-000 MACOM-D12527-000 Datasheet
540Kb / 10P
   Metal Oxide Varistors Overvoltage Protection Device
More results

Similar Description - D1255

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC8670 TRINAMIC-TMC8670 Datasheet
16Mb / 123P
   Torque Control (FOC), Velocity Control, Position Control
logo
Mitsubishi Electric Sem...
M62495AFP MITSUBISHI-M62495AFP Datasheet
110Kb / 11P
   TONE CONTROL/VOLUME CONTROL
M61509FP MITSUBISHI-M61509FP Datasheet
89Kb / 11P
   TONE CONTROL/VOLUME CONTROL
logo
Renesas Technology Corp
M61500FP RENESAS-M61500FP Datasheet
141Kb / 13P
   Tone Control/Volume Control
M61503FP RENESAS-M61503FP Datasheet
157Kb / 14P
   Tone Control/Volume Control
logo
Mitsubishi Electric Sem...
M61503FP MITSUBISHI-M61503FP Datasheet
89Kb / 11P
   TONE CONTROL/VOLUME CONTROL
logo
Renesas Technology Corp
M62495AFP RENESAS-M62495AFP Datasheet
167Kb / 12P
   TONE CONTROL/VOLUME CONTROL
logo
Mitsubishi Electric Sem...
M61500FP MITSUBISHI-M61500FP Datasheet
89Kb / 11P
   TONE CONTROL/VOLUME CONTROL
M61515FP MITSUBISHI-M61515FP Datasheet
248Kb / 11P
   TONE CONTROL/VOLUME CONTROL
logo
Renesas Technology Corp
M61515FP RENESAS-M61515FP Datasheet
4Mb / 12P
   TONE CONTROL/VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com