1 / 1 page
Power Transformer
Chassis Mount: Quick Pack
Web: www.TriadMagnetics.com
Phone 951-277-0757
Fax 951-277-2757
22520B Temescal Canyon Road
Corona, California
92883
Publish Date: July 24, 2006
FD6-24
Description:
The FD6-24 Quick Pack small power transformer offers a significant reduction
in size and weight over a standard transformer. This transformer can be used
for a wide variety of applications. It is bobbin wound for reduced size and small
operating space.
Electrical Specifications (@25C):
Maximum Power: 30.0VA
Input Voltage:
Series:
230VAC@50/60Hz
Parallel: 115VAC@50/60Hz
Output Voltage: 24.0VCT@1.25A
Construction:
Split bobbing non concentric winding eliminates costly
electrostatic shielding. Termination is suitable for quick connects or soldering.
Safety:
F
B
A
C
D
10
6
8
E
G
UL Class B E53148
Dimensions:
A
B
C
D
E
F
G
1.937
2.812
3.125
1.687
2.312
.187 Dia
1.062
Notes: 1. Units: inches.
2. Terminal size: .187” X 0.21”.
3. Weight: 1.10 lbs
Schematic:
6
8
10
1
2
4
5
Input (115V): Input 1 to 2
Output: 6 to10
Connect 1 to 4, 2 to 5
Input (230V): Input 1 to 5
Connect 2 to 4
RoHS Compliance: As of manufacturing date February 2005, all standard
products meet the requirements of 2002/95/EC, known as the RoHS initiative.
* Upon printing, this document is considered “uncontrolled”. Please contact
Triad Magnetics’ website for the most current version.