Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S5U13504P00C Datasheet(PDF) 7 Page - Epson Company

Part # S5U13504P00C
Description  LCD Controller ICs
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S5U13504P00C Datasheet(HTML) 7 Page - Epson Company

Back Button S5U13504P00C Datasheet HTML 3Page - Epson Company S5U13504P00C Datasheet HTML 4Page - Epson Company S5U13504P00C Datasheet HTML 5Page - Epson Company S5U13504P00C Datasheet HTML 6Page - Epson Company S5U13504P00C Datasheet HTML 7Page - Epson Company S5U13504P00C Datasheet HTML 8Page - Epson Company S5U13504P00C Datasheet HTML 9Page - Epson Company S5U13504P00C Datasheet HTML 10Page - Epson Company S5U13504P00C Datasheet HTML 11Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 94 page
background image
S1D13305 Series
EPSON
1
Technical Manual
1. OVERVIEW
The S1D13305 series is a controller IC that can display
text and graphics on LCD panel.
The S1D13305 series can display layered text and graph-
ics, scroll the display in any direction and partition the
display into multiple screens.
The S1D13305 series stores text, character codes and bit-
mapped graphics data in external frame buffer memory.
Display controller functions include transferring data
from the controlling microprocessor to the buffer memory,
reading memory data, converting data to display pixels
and generating timing signals for the buffer memory,
LCD panel.
The S1D13305 series has an internal character generator
with 160, 5
× 7 pixel characters in internal mask ROM.
The character generators support up to 64, 8
× 16 pixel
characters in external character generator RAM and up to
256, 8
× 16 pixel characters in external character genera-
tor ROM.
2. FEATURES
Text, graphics and combined text/graphics display
modes
Three overlapping screens in graphics mode
Up to 640
× 256 pixel LCD panel display resolution
Programmable cursor control
Smooth horizontal and vertical scrolling of all or part
of the display
1/2-duty to 1/256-duty LCD drive
Up to 640
× 256 pixel LCD panel display resolution
memory
160, 5
× 7 pixel characters in internal mask-program-
med character generator ROM
Up to 64, 8
× 16 pixel characters in external character
generator RAM
Up to 256, 8
× 16 pixel characters in external character
generator ROM
6800 and 8080 family microprocessor interfaces
Low power consumption—3.5 mA operating current
(VDD = 3.5V), 0.05
µA standby current
Package
line-up
Package
S1D13305F00A
QFP5-60 pin
S1D13305F00B
QFP6-60 pin
2.7 to 5.5 V (S1D13305F)
OVERVIEW/FEATURES


Similar Part No. - S5U13504P00C

ManufacturerPart #DatasheetDescription
logo
Epson Company
S5U13781R00C10M EPSON-S5U13781R00C10M Datasheet
2Mb / 32P
   S5U13781R00C10M
More results

Similar Description - S5U13504P00C

ManufacturerPart #DatasheetDescription
logo
Epson Company
SED1335 EPSON-SED1335 Datasheet
467Kb / 94P
   LCD Controller ICs
logo
List of Unclassifed Man...
SED1330F ETC-SED1330F Datasheet
388Kb / 148P
   LCD Controller ICs
logo
Rohm
BU21072MUV ROHM-BU21072MUV Datasheet
680Kb / 17P
   Capacitive Switch Controller ICs
BU21072MUV ROHM-BU21072MUV_16 Datasheet
3Mb / 40P
   Capacitive Switch Controller ICs
BU21079F ROHM-BU21079F Datasheet
922Kb / 37P
   Capacitive Switch Controller ICs
logo
ELAN Microelectronics C...
EM83040A EMC-EM83040A Datasheet
948Kb / 16P
   LCD CONTROLLER
logo
Generalplus Technology ...
GPLB39B GENERALPLUS-GPLB39B Datasheet
983Kb / 19P
   LCD CONTROLLER
logo
Intersil Corporation
TW8830 INTERSIL-TW8830 Datasheet
211Kb / 2P
   LCD Controller
April 13, 2012
logo
Renesas Technology Corp
TW8820 RENESAS-TW8820 Datasheet
153Kb / 2P
   LCD Controller
logo
Generalplus Technology ...
GPLB31A GENERALPLUS-GPLB31A Datasheet
410Kb / 20P
   LCD CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com