Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D13706F00A Datasheet(PDF) 61 Page - Epson Company

Part # S1D13706F00A
Description  LCD Controller ICs
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1D13706F00A Datasheet(HTML) 61 Page - Epson Company

Back Button S1D13706F00A Datasheet HTML 57Page - Epson Company S1D13706F00A Datasheet HTML 58Page - Epson Company S1D13706F00A Datasheet HTML 59Page - Epson Company S1D13706F00A Datasheet HTML 60Page - Epson Company S1D13706F00A Datasheet HTML 61Page - Epson Company S1D13706F00A Datasheet HTML 62Page - Epson Company S1D13706F00A Datasheet HTML 63Page - Epson Company S1D13706F00A Datasheet HTML 64Page - Epson Company S1D13706F00A Datasheet HTML 65Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 94 page
background image
S1D13305 Series
EPSON
55
Technical Manual
10.2. CG Memory Allocation
Since the S1D13305 series uses 8-bit character codes, it
can handle no more than 256 characters at a time. How-
ever, if a wider range of characters is required, character
generator memory can be bank-switched using the
CGRAM ADR command.
Figure 44. Internal and external character mapping
Note that there can be no more than 64 characters per bank.
Built–in CG ROM
(160 characters,
5
× 7 pixels max)
CG RAM
CG RAM 1
CG RAM 2
CG RAM n
Built-in CG ROM
(160 characters,
5
× 7 pixels max)
CG RAM
CG RAM 1
CG RAM 2
CG RAM n
SAG
CG RAM
ADR
CG ROM
CG RAM
(64 characters max, 8
× 16 pixels max)
(64 characters max, 8
× 16 pixels max)
M0 = 1
M0 = 1
Basic CG space
(256 characters,
8
× 16 pixels max)
256 characters max
M1 = 0
256 characters max
M1 = 0
Table 20. Character mapping
Item
Parameter
Remarks
Internal/external character generator selection
M0
1 to 8 pixels
M2 = 0
Character field height
9 to 16 pixels
M2 = 1
Greater than 16 pixels
Graphics mode (8 bits
× 1 line)
Internal CG ROM/RAM select
Automatic
Determined by the
External CG ROM/RAM select
character code
CG RAM bit 6 correction
M1
CG RAM data storage address
Specified with CG RAM ADR
Can be moved anywhere in the
command
display memory address space
192 characters or less
Other than the area of Figure 49
More than 192 characters
Set SAG to F000H and overly
SAG and the CG ROM table
External CG ROM
address
CHARACTER GENERATOR


Similar Part No. - S1D13706F00A

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1D13706 EPSON-S1D13706 Datasheet
1Mb / 152P
   S1D13706 Embedded Memory LCD Controller
More results

Similar Description - S1D13706F00A

ManufacturerPart #DatasheetDescription
logo
Epson Company
SED1335 EPSON-SED1335 Datasheet
467Kb / 94P
   LCD Controller ICs
logo
List of Unclassifed Man...
SED1330F ETC-SED1330F Datasheet
388Kb / 148P
   LCD Controller ICs
logo
Rohm
BU21072MUV ROHM-BU21072MUV Datasheet
680Kb / 17P
   Capacitive Switch Controller ICs
BU21072MUV ROHM-BU21072MUV_16 Datasheet
3Mb / 40P
   Capacitive Switch Controller ICs
BU21079F ROHM-BU21079F Datasheet
922Kb / 37P
   Capacitive Switch Controller ICs
logo
ELAN Microelectronics C...
EM83040A EMC-EM83040A Datasheet
948Kb / 16P
   LCD CONTROLLER
logo
Generalplus Technology ...
GPLB39B GENERALPLUS-GPLB39B Datasheet
983Kb / 19P
   LCD CONTROLLER
logo
Intersil Corporation
TW8830 INTERSIL-TW8830 Datasheet
211Kb / 2P
   LCD Controller
April 13, 2012
logo
Renesas Technology Corp
TW8820 RENESAS-TW8820 Datasheet
153Kb / 2P
   LCD Controller
logo
Generalplus Technology ...
GPLB31A GENERALPLUS-GPLB31A Datasheet
410Kb / 20P
   LCD CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com