Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D13706F00A Datasheet(PDF) 43 Page - Epson Company

Part # S1D13706F00A
Description  LCD Controller ICs
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1D13706F00A Datasheet(HTML) 43 Page - Epson Company

Back Button S1D13706F00A Datasheet HTML 39Page - Epson Company S1D13706F00A Datasheet HTML 40Page - Epson Company S1D13706F00A Datasheet HTML 41Page - Epson Company S1D13706F00A Datasheet HTML 42Page - Epson Company S1D13706F00A Datasheet HTML 43Page - Epson Company S1D13706F00A Datasheet HTML 44Page - Epson Company S1D13706F00A Datasheet HTML 45Page - Epson Company S1D13706F00A Datasheet HTML 46Page - Epson Company S1D13706F00A Datasheet HTML 47Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 94 page
background image
S1D13305 Series
EPSON
37
Technical Manual
8.3.7. HDOT SCR
While the SCROLL command only allows scrolling by
characters, HDOT SCR allows the screen to be scrolled
horizontally by pixels. HDOT SCR cannot be used on
individual layers.
Figure 20. HDOT SCR parameters
8.3.7.1. D0 to D2
Specifies the number of pixels to scroll. The C/R param-
eter has to be set to one more than the number of
horizontal characters before using HDOT SCR. Smooth
scrolling can be simulated if the controlling microproces-
sor repeatedly issues the HDOT SCR command to the
S1D13305 series. See Section 9.5 for more information
on scrolling the display.
Table 18. Scroll step selection (continued)
Figure 21. Horizontal scrolling
MSB
LSB
C
0
1
01101
0
P1
0
0
0
0
0
D2
D1
D0
P1
Number of pixels
HEX
D2 D1 D0
to scroll
00
000
0
01
001
1
02
010
2
↓↓↓
06
110
6
07
111
7
M
BX
Y
AB
X
Y
Z
M = 0
N = 0
Display width
N
M/N is the number of bits (dots) that parameter 1 (P1)
is incremented/decremented by.
A
ZA
B
X
Y
8.4. Drawing Control Commands
8.4.1. CSRW
The 16-bit cursor address register contains the display
memory address of the data at the cursor position as
shown in Figure 22.
Note that the microprocessor cannot directly access the
display memory.
The MREAD and MWRITE commands use the address
in this register.
MSB
LSB
C
0
1
00011
0
P1
A7
A6
A5
A4
A3
A2
A1
A0 (CSRL)
P2
A15 A14 A13 A12 A11 A10
A9
A8 (CSRH)
Figure 22. CSRW parameters
INSTRUCTION SET


Similar Part No. - S1D13706F00A

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1D13706 EPSON-S1D13706 Datasheet
1Mb / 152P
   S1D13706 Embedded Memory LCD Controller
More results

Similar Description - S1D13706F00A

ManufacturerPart #DatasheetDescription
logo
Epson Company
SED1335 EPSON-SED1335 Datasheet
467Kb / 94P
   LCD Controller ICs
logo
List of Unclassifed Man...
SED1330F ETC-SED1330F Datasheet
388Kb / 148P
   LCD Controller ICs
logo
Rohm
BU21072MUV ROHM-BU21072MUV Datasheet
680Kb / 17P
   Capacitive Switch Controller ICs
BU21072MUV ROHM-BU21072MUV_16 Datasheet
3Mb / 40P
   Capacitive Switch Controller ICs
BU21079F ROHM-BU21079F Datasheet
922Kb / 37P
   Capacitive Switch Controller ICs
logo
ELAN Microelectronics C...
EM83040A EMC-EM83040A Datasheet
948Kb / 16P
   LCD CONTROLLER
logo
Generalplus Technology ...
GPLB39B GENERALPLUS-GPLB39B Datasheet
983Kb / 19P
   LCD CONTROLLER
logo
Intersil Corporation
TW8830 INTERSIL-TW8830 Datasheet
211Kb / 2P
   LCD Controller
April 13, 2012
logo
Renesas Technology Corp
TW8820 RENESAS-TW8820 Datasheet
153Kb / 2P
   LCD Controller
logo
Generalplus Technology ...
GPLB31A GENERALPLUS-GPLB31A Datasheet
410Kb / 20P
   LCD CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com