Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D13706F00A Datasheet(PDF) 27 Page - Epson Company

Part # S1D13706F00A
Description  LCD Controller ICs
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1D13706F00A Datasheet(HTML) 27 Page - Epson Company

Back Button S1D13706F00A Datasheet HTML 23Page - Epson Company S1D13706F00A Datasheet HTML 24Page - Epson Company S1D13706F00A Datasheet HTML 25Page - Epson Company S1D13706F00A Datasheet HTML 26Page - Epson Company S1D13706F00A Datasheet HTML 27Page - Epson Company S1D13706F00A Datasheet HTML 28Page - Epson Company S1D13706F00A Datasheet HTML 29Page - Epson Company S1D13706F00A Datasheet HTML 30Page - Epson Company S1D13706F00A Datasheet HTML 31Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 94 page
background image
S1D13305 Series
EPSON
21
Technical Manual
8.2. System Control Commands
8.2.1. SYSTEM SET
Initializes the device, sets the window sizes, and selects
the LCD interface format. Since this command sets the
basic operating parameters of the S1D13305 series, an
incorrect SYSTEM SET command may cause other
commands to operate incorrectly.
8.2.1.1. C
This control byte performs the following:
1. Resets the internal timing generator
2. Disables the display
3. Cancels sleep mode
Parameters following P1 are not needed if only can-
celing sleep mode.
8.2.1.2. M0
Selects the internal or external character generator ROM.
The internal character generator ROM contains 160, 5
×
7 pixel characters, as shown in figure 70. These charac-
ters are fixed at fabrication by the metallization mask.
The external character generator ROM, on the other
hand, can contain up to 256 user-defined characters.
M0 = 0: Internal CG ROM
M0 = 1: External CG ROM
Note that if the CG ROM address space overlaps the
display memory address space, that portion of the display
memory cannot be written to.
8.2.1.3. M1
Selects the memory configuration for user-definable char-
acters. The CG RAM codes select one of the 64 codes
shown in figure 46.
M1 = 0: No D6 correction.
The CG RAM1 and CG RAM2 address spaces are not
contiguous, the CG RAM1 address space is treated as
character generator RAM, and the CG RAM2 address
space is treated as character generator ROM.
M1 = 1: D6 correction.
The CG RAM1 and CG RAM2 address spaces are
contiguout and are both treated as character generator
RAM.
C
01000000
1
0
1
D7
D6
D5
D4
D3
D2
D1
D0
A0
WR
RD
P1
0
0
IV
1
W/S
M2
M1
M0
0
0
1
P2
WF
0000
FX
0
0
1
P3
0000
FY
0
0
1
P4
C/R
0
0
1
P5
TC/R
0
0
1
P6
L/F
0
0
1
P7
APL
0
0
1
P8
APH
0
0
1
LSB
MSB
Figure 1. SYSTEM SET instruction
INSTRUCTION SET


Similar Part No. - S1D13706F00A

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1D13706 EPSON-S1D13706 Datasheet
1Mb / 152P
   S1D13706 Embedded Memory LCD Controller
More results

Similar Description - S1D13706F00A

ManufacturerPart #DatasheetDescription
logo
Epson Company
SED1335 EPSON-SED1335 Datasheet
467Kb / 94P
   LCD Controller ICs
logo
List of Unclassifed Man...
SED1330F ETC-SED1330F Datasheet
388Kb / 148P
   LCD Controller ICs
logo
Rohm
BU21072MUV ROHM-BU21072MUV Datasheet
680Kb / 17P
   Capacitive Switch Controller ICs
BU21072MUV ROHM-BU21072MUV_16 Datasheet
3Mb / 40P
   Capacitive Switch Controller ICs
BU21079F ROHM-BU21079F Datasheet
922Kb / 37P
   Capacitive Switch Controller ICs
logo
ELAN Microelectronics C...
EM83040A EMC-EM83040A Datasheet
948Kb / 16P
   LCD CONTROLLER
logo
Generalplus Technology ...
GPLB39B GENERALPLUS-GPLB39B Datasheet
983Kb / 19P
   LCD CONTROLLER
logo
Intersil Corporation
TW8830 INTERSIL-TW8830 Datasheet
211Kb / 2P
   LCD Controller
April 13, 2012
logo
Renesas Technology Corp
TW8820 RENESAS-TW8820 Datasheet
153Kb / 2P
   LCD Controller
logo
Generalplus Technology ...
GPLB31A GENERALPLUS-GPLB31A Datasheet
410Kb / 20P
   LCD CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com