Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D13706F00A Datasheet(PDF) 13 Page - Epson Company

Part # S1D13706F00A
Description  LCD Controller ICs
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1D13706F00A Datasheet(HTML) 13 Page - Epson Company

Back Button S1D13706F00A Datasheet HTML 9Page - Epson Company S1D13706F00A Datasheet HTML 10Page - Epson Company S1D13706F00A Datasheet HTML 11Page - Epson Company S1D13706F00A Datasheet HTML 12Page - Epson Company S1D13706F00A Datasheet HTML 13Page - Epson Company S1D13706F00A Datasheet HTML 14Page - Epson Company S1D13706F00A Datasheet HTML 15Page - Epson Company S1D13706F00A Datasheet HTML 16Page - Epson Company S1D13706F00A Datasheet HTML 17Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 94 page
background image
S1D13305 Series
EPSON
7
Technical Manual
5.2.5. LCD drive signals
In order to provide effective low-power drive for LCD
matrixes, the S1D13305 series can directly control both
the X- and Y-drivers using an enable chain.
Pin Name
Function
XD0 to XD3
4-bit X-driver (column drive) data outputs. Connect these outputs to the inputs of the X-driver
chips.
The falling edge of XSCL latches the data on XD0 to XD3 into the input shift registers of the
X-drivers. To conserve power, this clock halts between LP and the start of the following display
line (See section 6.3.7).
XECL
The falling edge of XECL triggers the enable chain cascade for the X-drivers.
Every 16th clock pulse is output to the next X-driver.
LP latches the signal in the X-driver shift registers into the output data latches. LP is a falling-
edge triggered signal, and pulses once every display line.
Connect LP to the Y-driver shift clock on modules.
WF
LCD panel AC drive output. The WF period is selected to be one of two values with SYSTEM
SET command.
The falling edge of YSCL latches the data on YD into the input shift registers of the
Y-drivers. YSCL is not used with driver ICs which use LP as the Y-driver shift clock.
YD is the data pulse output for the Y drivers. It is active during the last line of each frame, and
is shifted through the Y drivers one by one (by YSCL), to scan the display’s common
connections.
Power-down output signal. YDIS is HIGH while the display drive outputs are active.
YDIS goes LOW one or two frames after the sleep command is written to the S1D13305
series. All Y-driver outputs are forced to an intermediate level (de-selecting the display
segments) to blank the display. In order to implement power-down operation in the LCD unit,
the LCD power drive supplies must also be disabled when the display is disabled by YDIS.
XSCL
LP
YSCL
YD
YDIS
PIN DESCRIPTION/SPECIFICATIONS
6. SPECIFICATIONS
6.1. Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Supply voltage range
VDD
–0.3 to 7.0
Input voltage range
VIN
–0.3 to VDD + 0.3
V
V
Power dissipation
PD
300
mW
Operating temperature range
Topg
–20 to 75
°C
Storage temperature range
Tstg
–65 to 150
°C
Soldering temperature (10 seconds). See note 1.
Tsolder
260
°C
Notes:
1. The humidity resistance of the flat package may be reduced if the package is immersed in solder. Use a soldering technique
that does not heatstress the package.
2. If the power supply has a high impedance, a large voltage differential can occur between the input and supply voltages. Take
appropriate care with the power supply and the layout of the supply lines. (See section 6.2.)
3. All supply voltages are referenced to VSS = 0V.


Similar Part No. - S1D13706F00A

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1D13706 EPSON-S1D13706 Datasheet
1Mb / 152P
   S1D13706 Embedded Memory LCD Controller
More results

Similar Description - S1D13706F00A

ManufacturerPart #DatasheetDescription
logo
Epson Company
SED1335 EPSON-SED1335 Datasheet
467Kb / 94P
   LCD Controller ICs
logo
List of Unclassifed Man...
SED1330F ETC-SED1330F Datasheet
388Kb / 148P
   LCD Controller ICs
logo
Rohm
BU21072MUV ROHM-BU21072MUV Datasheet
680Kb / 17P
   Capacitive Switch Controller ICs
BU21072MUV ROHM-BU21072MUV_16 Datasheet
3Mb / 40P
   Capacitive Switch Controller ICs
BU21079F ROHM-BU21079F Datasheet
922Kb / 37P
   Capacitive Switch Controller ICs
logo
ELAN Microelectronics C...
EM83040A EMC-EM83040A Datasheet
948Kb / 16P
   LCD CONTROLLER
logo
Generalplus Technology ...
GPLB39B GENERALPLUS-GPLB39B Datasheet
983Kb / 19P
   LCD CONTROLLER
logo
Intersil Corporation
TW8830 INTERSIL-TW8830 Datasheet
211Kb / 2P
   LCD Controller
April 13, 2012
logo
Renesas Technology Corp
TW8820 RENESAS-TW8820 Datasheet
153Kb / 2P
   LCD Controller
logo
Generalplus Technology ...
GPLB31A GENERALPLUS-GPLB31A Datasheet
410Kb / 20P
   LCD CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com