Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D13506F00A Datasheet(PDF) 10 Page - Epson Company

Part # S1D13506F00A
Description  LCD Controller ICs
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1D13506F00A Datasheet(HTML) 10 Page - Epson Company

Back Button S1D13506F00A Datasheet HTML 6Page - Epson Company S1D13506F00A Datasheet HTML 7Page - Epson Company S1D13506F00A Datasheet HTML 8Page - Epson Company S1D13506F00A Datasheet HTML 9Page - Epson Company S1D13506F00A Datasheet HTML 10Page - Epson Company S1D13506F00A Datasheet HTML 11Page - Epson Company S1D13506F00A Datasheet HTML 12Page - Epson Company S1D13506F00A Datasheet HTML 13Page - Epson Company S1D13506F00A Datasheet HTML 14Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 94 page
background image
4
EPSON
S1D13305 Series
Technical Manual
5.
PIN DESCRIPTION
5.1. S1D13305F00A/00B Pin Summary
Name
Number
Type
Description
VA0 to VA15
27 to 28
1 to 6
Output
VRAM address bus
30 to 43
50 to 59
VWR
44
7
Output
VRAM write signal
VCE
45
8
Output
Memory control signal
VRD
46
9
Output
VRAM read signal
RES
47
10
Input
Reset
NC
28, 48, 49
11, 12, 60
No connection
RD
50
13
Input
8080 family: Read signal
6800 family: Enable clock (E)
WR
51
14
Input
8080 family: Write signal
6800 family: R/W signal
SEL2
52
15
Input
8080 or 6800 family interface
select
SEL1
53
16
Input
8080 or 6800 family interface
select
XG
54
17
Input
Oscillator connection
XD
55
18
Output
Oscillator connection
CS
56
19
Input
Chip select
A0
57
20
Input
Data type select
VDD
58
21
Supply
2.7 to 5.5V supply
D0 to D7
59 to 60
22 to 29
Input/output
Data bus
1 to 6
XD0 to XD3
7 to 10
30 to 33
Output
X-driver data
XECL
11
34
Output
X-driver enable chain clock
XSCL
12
35
Output
X-driver data shift clock
VSS
13
36
Supply
Ground
LP
14
37
Output
Latch pulse
WF
15
38
Output
Frame signal
YDIS
16
39
Output
Power-down signal when display is
blanked
YD
17
40
Output
Scan start pulse
YSCL
18
41
Output
Y-driver shift clock
VD0 to VD7
19 to 26
42 to 49
Input/output
VRAM data bus
S1D13305F00A
S1D13305F00B
PIN DESCRIPTION


Similar Part No. - S1D13506F00A

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1D13506 EPSON-S1D13506 Datasheet
5Mb / 696P
   S1D13506 Color LCD/CRT/TV Controller
More results

Similar Description - S1D13506F00A

ManufacturerPart #DatasheetDescription
logo
Epson Company
SED1335 EPSON-SED1335 Datasheet
467Kb / 94P
   LCD Controller ICs
logo
List of Unclassifed Man...
SED1330F ETC-SED1330F Datasheet
388Kb / 148P
   LCD Controller ICs
logo
Rohm
BU21072MUV ROHM-BU21072MUV Datasheet
680Kb / 17P
   Capacitive Switch Controller ICs
BU21072MUV ROHM-BU21072MUV_16 Datasheet
3Mb / 40P
   Capacitive Switch Controller ICs
BU21079F ROHM-BU21079F Datasheet
922Kb / 37P
   Capacitive Switch Controller ICs
logo
ELAN Microelectronics C...
EM83040A EMC-EM83040A Datasheet
948Kb / 16P
   LCD CONTROLLER
logo
Generalplus Technology ...
GPLB39B GENERALPLUS-GPLB39B Datasheet
983Kb / 19P
   LCD CONTROLLER
logo
Intersil Corporation
TW8830 INTERSIL-TW8830 Datasheet
211Kb / 2P
   LCD Controller
April 13, 2012
logo
Renesas Technology Corp
TW8820 RENESAS-TW8820 Datasheet
153Kb / 2P
   LCD Controller
logo
Generalplus Technology ...
GPLB31A GENERALPLUS-GPLB31A Datasheet
410Kb / 20P
   LCD CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com