Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6470 Datasheet(PDF) 4 Page - Texas Instruments

Part # PT6470
Description  14-A 3.3-V Input Adjustable Integrated Switching Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6470 Datasheet(HTML) 4 Page - Texas Instruments

  PT6470 Datasheet HTML 1Page - Texas Instruments PT6470 Datasheet HTML 2Page - Texas Instruments PT6470 Datasheet HTML 3Page - Texas Instruments PT6470 Datasheet HTML 4Page - Texas Instruments PT6470 Datasheet HTML 5Page - Texas Instruments PT6470 Datasheet HTML 6Page - Texas Instruments PT6470 Datasheet HTML 7Page - Texas Instruments PT6470 Datasheet HTML 8Page - Texas Instruments PT6470 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
PT6470 Series
Safe Operating Curve, Vin =3.3 V (See Note B)
Typical Characteristics
PT6472; VOUT =2.5 V
14-A 3.3-V Input Adjustable
Integrated Switching Regulator
20
30
40
50
60
70
80
90
02
46
8
10
12
14
Iout (A)
200LFM
120LFM
60LFM
Nat Conv
Airflow
20
30
40
50
60
70
80
90
02
46
8
10
12
14
Iout (A)
200LFM
120LFM
60LFM
Nat Conv
Airflow
PT6477; VOUT =1 V
Note B:
SOA curves represent operating conditions at which internal components are at or below manufacturer’s maximum rated operating temperatures.
SLTS180A - JANUARY 2003 - REVISED JUNE 2003


Similar Part No. - PT6470

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6400 TI-PT6400 Datasheet
227Kb / 5P
[Old version datasheet]   3 AMP ADJUSTABLE INTEGRATED SWITCHING REGULATOR
PT6404 TI-PT6404 Datasheet
227Kb / 5P
[Old version datasheet]   3 AMP ADJUSTABLE INTEGRATED SWITCHING REGULATOR
PT6404D TI1-PT6404D Datasheet
527Kb / 7P
[Old version datasheet]   3 Amp 5V Input Adjustable Integrated Switching Regulator
PT6404E TI1-PT6404E Datasheet
527Kb / 7P
[Old version datasheet]   3 Amp 5V Input Adjustable Integrated Switching Regulator
PT6405 TI-PT6405 Datasheet
227Kb / 5P
[Old version datasheet]   3 AMP ADJUSTABLE INTEGRATED SWITCHING REGULATOR
More results

Similar Description - PT6470

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT5810 TI-PT5810 Datasheet
202Kb / 11P
[Old version datasheet]   20-A 3.3-V Input Adjustable Integrated Switching Regulator
PT6460 TI-PT6460 Datasheet
192Kb / 10P
[Old version datasheet]   14-A 5-V Input Adjustable Integrated Switching Regulator
PT6447 TI1-PT6447 Datasheet
172Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5520 TI1-PT5520 Datasheet
185Kb / 9P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5502 TI-PT5502 Datasheet
174Kb / 2P
[Old version datasheet]   3-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT6440 TI-PT6440 Datasheet
178Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5521 TI-PT5521 Datasheet
164Kb / 7P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
SLTS102A TI-SLTS102A Datasheet
194Kb / 8P
[Old version datasheet]   14-A 12V-Input Adjustable Integrated Switching Regulator
PTH04070W TI-PTH04070W_07 Datasheet
436Kb / 16P
[Old version datasheet]   3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PTH04070W TI-PTH04070W_15 Datasheet
380Kb / 17P
[Old version datasheet]   3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com