Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBA2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PBA2
Description  Programmable Gain and Bias Amplifier Low noise I/V amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PBA2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PBA2 Datasheet HTML 1Page - List of Unclassifed Manufacturers PBA2 Datasheet HTML 2Page - List of Unclassifed Manufacturers PBA2 Datasheet HTML 3Page - List of Unclassifed Manufacturers PBA2 Datasheet HTML 4Page - List of Unclassifed Manufacturers PBA2 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Datasheet
PBA2
- 2 -
Programmable Gain and Bias Amplifier
Specifications
Test Conditions
Ta = 25°C
Gain
Transimpedance
1 x 103 … 1 x 108 V/A
Gain Accuracy
± 1%
Frequency Response
Lower Cut-Off Frequency
DC / 0.5 Hz
Upper Cut-Off Frequency
Up to 500 kHz ( See Table Below )
Gain Flatness
± 0.1 dB
Input
Equ. Input Noise Voltage
4 nV / Hz ( @ 100 Hz )
Input Bias Current
1 pA typ. ( maximum 3 pA )
Performance depending
Sensitivity ( A/V )
DC
10-2
10-3
10-4
10-5
10-6
10-7
on Gain Setting
Sensitivity ( A/V )
AC
10-3
10-4
10-5
10-6
10-7
10-8
Upper Cut-Off Frequency (-
3dB)
500 kHz
480 kHz
510 kHz
290 kHz
138 kHz
33 kHz
Equ Input Noise Current
(A/ Hz)
200 pA
98.2 pA
10.1 pA
1.1 pA
168 fA
44.9 fA
Max. biasing Current (±)
10 mA
10 mA
1 mA
100 µA
10 µA
0.1 µA
Max. Offset Voltage
100 µA
10 µA
1 µA
0.1 µA
10 nA
1 nA
Output
Output Voltage
± 10 V ( @ 10 k Load )
Output Voltage for Biasing
± 5 V ( 0.1% Precision )
Output Impedance
50
Maximum Output Current
± 20 mA
Digital Control
Control Input Voltage Range
Low : - 0.8 V… + 1.2 V, High : 2.3 V…+ 5.25 V
Control Input Current
1.5 mA @ 0 V, 4.5 mA @ + 5 V
Power Supply
Supply Voltage
± 14 V
Supply Current max
+ 100 mA / - 100 mA
Stabilized Power Supply Output
± 12 V, maximum 100 mA, + 5 V, maximum 40 mA
Case
Weight
380 gr.
Temperature Range
Storage Temperature
- 40 °C + 100 °C
Operating Temperature
0 °C + 60 °C
Absolute Max. Ratings
Control Input Voltage
+ 5.25 V
Power Supply Voltage
± 15 V


Similar Part No. - PBA2

ManufacturerPart #DatasheetDescription
logo
C&K Components
PBA CK-COMPONENTS-PBA Datasheet
231Kb / 3P
   Illuminated Pushbutton
logo
Tyco Electronics
PBA-01A MACOM-PBA-01A Datasheet
303Kb / 4P
   Compact AC coil contactors in three frame widths offer ratings from 9 amps to 80 amps
PBA-02A MACOM-PBA-02A Datasheet
303Kb / 4P
   Compact AC coil contactors in three frame widths offer ratings from 9 amps to 80 amps
PBA-04A MACOM-PBA-04A Datasheet
303Kb / 4P
   Compact AC coil contactors in three frame widths offer ratings from 9 amps to 80 amps
PBA-10A MACOM-PBA-10A Datasheet
303Kb / 4P
   Compact AC coil contactors in three frame widths offer ratings from 9 amps to 80 amps
More results

Similar Description - PBA2

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS3301A CIRRUS-CS3301A Datasheet
355Kb / 16P
   Low-noise, Programmable Gain, Differential Amplifier
CS3301 CIRRUS-CS3301 Datasheet
266Kb / 16P
   Low-noise, Programmable Gain, Differential Amplifier
CS3301 CIRRUS-CS3301_07 Datasheet
346Kb / 16P
   Low-noise, Programmable Gain, Differential Amplifier
logo
Infineon Technologies A...
BGA428 INFINEON-BGA428_07 Datasheet
399Kb / 11P
   Gain and PCS Low Noise Amplifier
Rev. 2.2, November 2007
BGA428E6327 INFINEON-BGA428E6327 Datasheet
347Kb / 11P
   Gain and PCS Low Noise Amplifier
Rev. 2.3, Sept. 2011
logo
Broadcom Corporation.
MGA-13516 BOARDCOM-MGA-13516 Datasheet
723Kb / 14P
   High Gain, High Linearity, Active Bias Low Noise Amplifier
MGA-14516 BOARDCOM-MGA-14516 Datasheet
250Kb / 14P
   High Gain, High Linearity Active Bias Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-14516 AVAGO-MGA-14516 Datasheet
250Kb / 14P
   High Gain, High Linearity Active Bias Low Noise Amplifier
logo
Broadcom Corporation.
DEMO-MGA-1X516 BOARDCOM-DEMO-MGA-1X516 Datasheet
723Kb / 14P
   High Gain, High Linearity, Active Bias,Low Noise Amplifier
logo
Motorola, Inc
MC13144 MOTOROLA-MC13144 Datasheet
328Kb / 8P
   VHF- 2.0 GHz Low Noise Amplifier with Programmable Bias
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com