Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16F785 Datasheet(PDF) 78 Page - Microchip Technology

Part # PIC16F785
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontroller with Two-Phase Asynchronous Feedback PWM Dual High-Speed Comparators and Dual Operational Amplifiers
Download  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F785 Datasheet(HTML) 78 Page - Microchip Technology

Back Button PIC16F785_05 Datasheet HTML 74Page - Microchip Technology PIC16F785_05 Datasheet HTML 75Page - Microchip Technology PIC16F785_05 Datasheet HTML 76Page - Microchip Technology PIC16F785_05 Datasheet HTML 77Page - Microchip Technology PIC16F785_05 Datasheet HTML 78Page - Microchip Technology PIC16F785_05 Datasheet HTML 79Page - Microchip Technology PIC16F785_05 Datasheet HTML 80Page - Microchip Technology PIC16F785_05 Datasheet HTML 81Page - Microchip Technology PIC16F785_05 Datasheet HTML 82Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 184 page
background image
PIC16F785
DS41249B-page 76
Preliminary
© 2005 Microchip Technology Inc.
REGISTER 11-1:
OPA1CON – OP AMP 1 CONTROL REGISTER (ADDRESS: 11Ch)
REGISTER 11-2:
OPA2CON – OP AMP 2 CONTROL REGISTER (ADDRESS: 11Dh)
R/W-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
OPAON
bit 7
bit 0
bit 7
OPAON: Op Amp Enable bit
1
= Op Amp 1 is enabled
0
= Op Amp 1 is disabled
bit 6-0
Unimplemented: Read as ‘0’
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
R/W-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
OPAON
bit 7
bit 0
bit 7
OPAON: Op Amp Enable bit
1
= Op Amp 2 is enabled
0
= Op Amp 2 is disabled
bit 6-0
Unimplemented: Read as ‘0’
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown


Similar Part No. - PIC16F785_05

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F785 MICROCHIP-PIC16F785_08 Datasheet
3Mb / 206P
   20-Pin Flash-Based, 8-Bit CMOS Microcontroller with Two-Phase Asynchronous Feedback PWM Dual High-Speed Comparators and Dual Operational Amplifiers
2008
More results

Similar Description - PIC16F785_05

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F785 MICROCHIP-PIC16F785_08 Datasheet
3Mb / 206P
   20-Pin Flash-Based, 8-Bit CMOS Microcontroller with Two-Phase Asynchronous Feedback PWM Dual High-Speed Comparators and Dual Operational Amplifiers
2008
PIC16F785 MICROCHIP-PIC16F785 Datasheet
1Mb / 178P
   20-Pin Flash-Based 8-Bit CMOS Microcontroller with Two-Phase Asychronous Feedback PWM, Dual High-Speed Comparators and Dual Operational Amplifiers
2004
PIC16F85 MICROCHIP-PIC16F85 Datasheet
69Kb / 4P
   18/20 Pin, 8-Bit CMOS FLASH Microcontroller with Comparators and A/D Product Brief
2001
RFPIC12F675K MICROCHIP-RFPIC12F675K Datasheet
2Mb / 136P
   20-Pin FLASH-Based 8-Bit CMOS Microcontroller with UHF ASK/FSK Transmitter
2003
logo
STMicroelectronics
TS272C STMICROELECTRONICS-TS272C Datasheet
216Kb / 9P
   HIGH SPEED CMOS DUAL OPERATIONAL AMPLIFIERS
logo
Microchip Technology
PIC16F628-20P MICROCHIP-PIC16F628-20P Datasheet
4Mb / 170P
   FLASH-Based 8-Bit CMOS Microcontroller
12/05/02
PIC1F628 MICROCHIP-PIC1F628 Datasheet
4Mb / 170P
   FLASH-Based 8-Bit CMOS Microcontroller
2003
logo
National Semiconductor ...
LM613 NSC-LM613 Datasheet
1Mb / 22P
   Dual Operational Amplifiers, Dual Comparators, and Adjustable Reference
logo
Texas Instruments
LM613 TI1-LM613 Datasheet
1Mb / 32P
[Old version datasheet]   Dual Operational Amplifiers, Dual Comparators, and Adjustable Reference
logo
Microchip Technology
PIC16F5X MICROCHIP-PIC16F5X Datasheet
1Mb / 90P
   Flash-Based, 8-Bit CMOS Microcontroller Series
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com