Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS-485 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RS-485
Description  Battery Powered Converter CE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RS-485 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RS-485 Datasheet HTML 1Page - List of Unclassifed Manufacturers RS-485 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
485BAT3-3903-2/2
© 2003 by B&B Electronics. All rights reserved.
International Headquarters:
707 Dayton Road P.O. Box 1040 Ottawa, IL 61350 USA
815-433-5100 Fax 433-5104 www.bb-elec.com orders@bb-elec.com support@bb-elec.com
Westlink Commercial Park Oranmore Co. Galway Ireland
+353 91 792444 Fax +353 91 792445 www.bb-europe.com orders@bb-elec.com support@bb-europe.com
Data A-
Data B+
RD B+
GND
RD A-
Rt
TD B+
TD A-
Rt
GND
Dr.
Rec.
Enable
2 Wire Device
Specifications
Dimensions:
3.6 x 2.6 x 1.1 in. (9.0 x 6.5 x 2.8 cm)
Data Rate:
Up to 115.2 kbps
Connectors:
RS-232: DB-9 female (DCE)
RS-485: Terminal blocks
Power Supply Options:
Port-powered
12 VDC @ 100mA
2 AAA batteries (not included)
7 hours fully loaded with no port power available
100 to 250 hours typical
Battery Life:
Two-channel device (transmit and receive only)
Figure 1: Typical RS-422/485 Four-Wire Setup
TD B+
TD A-
RD A-
RD B+
RD B+
GND
RD A-
TD B+
TD A-
485BAT3
Rt
GND
Dr.
Rec.
Enable
4 Wire Device
Rt
Figure 1: Typical RS-485 Two-Wire Setup
DECLARATION OF CONFORMITY
Manufacturer’s Name:
B&B Electronics Manufacturing Company
Manufacturer’s Address:
P.O. Box 1040
707 Dayton Road
Ottawa, IL 61350 USA
Model Numbers:
485BAT3
Description:
RS-232 to RS-422/485 Converter
Type:
Light industrial ITE equipment
Application of Council Directive: 89/336/EEC
Standards:
EN 55022
EN 61000-6-1
EN 61000 (-4-2, -4-3, -4-4, -4-5, -4-6, -4-8, -4-11)
William H. Franklin III, Director of Engineering


Similar Part No. - RS-485

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
RS-485 GRAYHILL-RS-485 Datasheet
870Kb / 1P
   COMMUNICATION CONVERTERS
logo
Coolgear Inc.
RS-485 COOLGEAR-RS-485 Datasheet
124Kb / 3P
   USB to Optical Adapter Industrial Isolated RS-422/485
logo
Exar Corporation
RS-485 EXAR-RS-485 Datasheet
1Mb / 21P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
logo
Coolgear Inc.
RS-485 COOLGEAR-RS-485 Datasheet
130Kb / 2P
   USB to Serial Surge and Optical Isolation converter RS-422/485
logo
Exar Corporation
RS-485 EXAR-RS-485 Datasheet
703Kb / 23P
   SP330E RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
More results

Similar Description - RS-485

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS6816 AMS-AMS6816 Datasheet
339Kb / 5P
   Battery powered equipment
logo
International Rectifier
IRF135S203 IRF-IRF135S203 Datasheet
585Kb / 12P
   Battery powered circuits
logo
Infineon Technologies A...
IRF60B217 INFINEON-IRF60B217 Datasheet
234Kb / 10P
   Battery powered circuits
2016-01-05
IRF60R217 INFINEON-IRF60R217 Datasheet
476Kb / 11P
   Battery powered circuits
2016-01-05
logo
Advanced Monolithic Sys...
AMS2930AN-X ADMOS-AMS2930AN-X Datasheet
100Kb / 9P
   Battery Powered Systems
logo
Shenzhen Huazhimei Semi...
HM6220 HMSEMI-HM6220 Datasheet
451Kb / 6P
   Battery-powered equipment
logo
Advanced Monolithic Sys...
AMS6206 AMS-AMS6206 Datasheet
376Kb / 6P
   Battery powered equipment
logo
Advanced Monolithic Sys...
AMS3100-2.5AM ADMOS-AMS3100-2.5AM Datasheet
70Kb / 6P
   Battery Powered Systems
AMS2931AN-X ADMOS-AMS2931AN-X Datasheet
100Kb / 9P
   Battery Powered Systems
AMS116N-X ADMOS-AMS116N-X Datasheet
117Kb / 7P
   Battery Powered Systems
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com