Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4N29STA-V Datasheet(PDF) 7 Page - Everlight Electronics Co., Ltd

Part # 4N29STA-V
Description  6 PIN PHOTODARLINGTON PHOTOCOUPLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

4N29STA-V Datasheet(HTML) 7 Page - Everlight Electronics Co., Ltd

Back Button 4N29STA-V Datasheet HTML 3Page - Everlight Electronics Co., Ltd 4N29STA-V Datasheet HTML 4Page - Everlight Electronics Co., Ltd 4N29STA-V Datasheet HTML 5Page - Everlight Electronics Co., Ltd 4N29STA-V Datasheet HTML 6Page - Everlight Electronics Co., Ltd 4N29STA-V Datasheet HTML 7Page - Everlight Electronics Co., Ltd 4N29STA-V Datasheet HTML 8Page - Everlight Electronics Co., Ltd 4N29STA-V Datasheet HTML 9Page - Everlight Electronics Co., Ltd 4N29STA-V Datasheet HTML 10Page - Everlight Electronics Co., Ltd 4N29STA-V Datasheet HTML 11Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
6 PIN PHOTODARLINGTON
PHOTOCOUPLER
Everlight Electronics Co., Ltd.
7
http://www.everlight.com
Document No:PDS-ELSD-113 Rev. 0
April, 2 2008
TIL113
4NXX Series
H11BX Series
VCC
Figure 7. Switching Time Test Circuit & Waveforms
Order Information
Part Number
4NXXY(Z)-V
or
H11BXY(Z)-V
or
TIL113Y(Z)-V
Note
XX = Part No. for 4NX series (29, 30, 31, 32 or 33)
X
= Part No. for H11BX series (1, 2, 3 or 255)
Y
= Lead form option (S, S1, M or none)
Z
= Tape and reel option (TA, TB or none).
V
= VDE safety (optional)
Option
Description
Packing quantity
None
Standard DIP-6
65 units per tube
M
Wide lead bend (0.4 inch spacing)
65 units per tube
S (TA)
Surface mount lead form + TA tape & reel option
1000 units per reel
S (TB)
Surface mount lead form + TB tape & reel option
1000 units per reel
S1 (TA)
Surface mount lead form (low profile) + TA tape & reel option
1000 units per reel
S1 (TB)
Surface mount lead form (low profile) + TB tape & reel option
1000 units per reel
IF
IC
RL
RIN
Output
Input
Input
Pulse
10%
Output
Pulse
90%
tr
tf
ton
toff


Similar Part No. - 4N29STA-V

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
4N29ST1 CTMICRO-4N29ST1 Datasheet
1Mb / 13P
   DC Input 6-Pin Photodarlington Optocoupler
4N29ST1-G CTMICRO-4N29ST1-G Datasheet
1Mb / 13P
   DC Input 6-Pin Photodarlington Optocoupler
4N29ST2 CTMICRO-4N29ST2 Datasheet
1Mb / 13P
   DC Input 6-Pin Photodarlington Optocoupler
4N29ST2-G CTMICRO-4N29ST2-G Datasheet
1Mb / 13P
   DC Input 6-Pin Photodarlington Optocoupler
More results

Similar Description - 4N29STA-V

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
TIL113 EVERLIGHT-TIL113 Datasheet
938Kb / 13P
   6 PIN DIP PHOTODARLINGTON PHOTOCOUPLER
EL825 EVERLIGHT-EL825_13 Datasheet
708Kb / 12P
   8 PIN DIP PHOTODARLINGTON PHOTOCOUPLER
EL815 EVERLIGHT-EL815_16 Datasheet
812Kb / 13P
   4 PIN DIP PHOTODARLINGTON PHOTOCOUPLER
4NXX EVERLIGHT-4NXX_09 Datasheet
331Kb / 13P
   6 PIN PHOTODARLINGTON
logo
List of Unclassifed Man...
H11B1 ETC1-H11B1 Datasheet
473Kb / 12P
   6-PIN PHOTODARLINGTON OPTOCOUPLER
logo
Everlight Electronics C...
EL852 EVERLIGHT-EL852_14 Datasheet
958Kb / 14P
   4 PIN DIP HIGH VOLTAGE PHOTODARLINGTON PHOTOCOUPLER
EL452-G EVERLIGHT-EL452-G_13 Datasheet
1Mb / 11P
   4 PIN SOP HIGH VOLTAGE PHOTODARLINGTON PHOTOCOUPLER
logo
COSMO Electronics Corp...
KP4040 COSMO-KP4040_15 Datasheet
304Kb / 11P
   16PIN PHOTODARLINGTON PHOTOCOUPLER
KP5010 COSMO-KP5010_15 Datasheet
286Kb / 11P
   6PIN PHOTODARLINGTON PHOTOCOUPLER
KP6010 COSMO-KP6010_15 Datasheet
292Kb / 11P
   6PIN PHOTODARLINGTON PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com