Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELS-515SURWA/S530-A3 Datasheet(PDF) 7 Page - Everlight Electronics Co., Ltd

Part # ELS-515SURWA/S530-A3
Description  0.52 Single Digit Displays
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELS-515SURWA/S530-A3 Datasheet(HTML) 7 Page - Everlight Electronics Co., Ltd

  ELS-515SURWA/S530-A3 Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELS-515SURWA/S530-A3 Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELS-515SURWA/S530-A3 Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELS-515SURWA/S530-A3 Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELS-515SURWA/S530-A3 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELS-515SURWA/S530-A3 Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELS-515SURWA/S530-A3 Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
0.52" Single Digit Displays
ELS-515SURWA/S530-A3
█ Packing Quantity Specification
1.40PCS/tube, 54 tubes/box
2.4Boxes/Carton
Label Form Specification
CPN: Customer's Production Number
P/N : Production Number
QTY: Packing Quantity
CAT: Ranks
HUE: Dominant Wavelength
REF: Reference
LOT No: Lot Number
MADE IN CHINA: Production Place
Notes :
1. Above specification may be changed without notice. EVERLIGHT will reserve authority on
material change for above specification.
2. When using this product, please observe the absolute maximum ratings and the instructions
for using outlined in these specification sheets. EVERLIGHT assumes no responsibility for
any damage resulting from use of the product which does not comply with the absolute
maximum ratings and the instructions included in these specification sheets.
3. These specification sheets include materials protected under copyright of EVERLIGHT corporation.
Please don't reproduce or cause anyone to reproduce them without EVERLIGHT'sconsent.
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev. : 2
Page: 6 of 6
Device Number :CDDS-515-010
Prepared date:2004/06/25
Prepared by: YanLi Zhong
LOT NO:
ELD-286GWB
QTY:
CPN:
PN:
/
HUE:
REF:
CAT:
MADE IN CHINA
EVERLIGHT
S515SURWA/S530-A3
EVERLIGHT ELECTRONICS CO., LTD.
Tel: (020) 84860913 , 84860914
Office: 7c Building ,Lian Hua Port lndustrial District, Lian Hua Shan
Fax: (020) 84860600
Bonded Pricessing, Zone Pan Yu, Guang Zhou, China
http:\\www.everlight.com
RoHS


Similar Part No. - ELS-515SURWA/S530-A3

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELS-515SYGWA EVERLIGHT-ELS-515SYGWA Datasheet
110Kb / 6P
   0.52 Single Digit Displays
ELS-515SYGWA/S530-E2 EVERLIGHT-ELS-515SYGWA/S530-E2 Datasheet
110Kb / 6P
   0.52 Single Digit Displays
More results

Similar Description - ELS-515SURWA/S530-A3

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELS-516SURWA EVERLIGHT-ELS-516SURWA Datasheet
123Kb / 7P
   0.52 Single Digit Displays
logo
List of Unclassifed Man...
S515EWA ETC-S515EWA Datasheet
139Kb / 5P
   0.52 SINGLE DIGIT DISPLAYS
logo
Everlight Electronics C...
ELS-515SYGWA EVERLIGHT-ELS-515SYGWA Datasheet
110Kb / 6P
   0.52 Single Digit Displays
ELS-515USOWA EVERLIGHT-ELS-515USOWA Datasheet
111Kb / 6P
   0.52 Single Digit Displays
ELS-516SYGWA EVERLIGHT-ELS-516SYGWA Datasheet
112Kb / 6P
   0.52 Single Digit Displays
ELS-516USOWA EVERLIGHT-ELS-516USOWA Datasheet
114Kb / 6P
   0.52 Single Digit Displays
FND5910 EVERLIGHT-FND5910 Datasheet
199Kb / 5P
   0.52 Dual Digit Displays
logo
Unity Opto Technology
UVS-54XA UOT-UVS-54XA Datasheet
66Kb / 5P
   0.52 inch ( 13.2 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
logo
PARA LIGHT ELECTRONICS ...
C-521SR PARALIGHT-C-521SR Datasheet
147Kb / 10P
   0.52 INCH SINGLE DIGIT DISPLAY
logo
China Semiconductor Cor...
CSS-516B7 CHINASEMI-CSS-516B7 Datasheet
185Kb / 6P
   0.52 Inch Single Digit Display
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com