Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELS-515SURWA/S530-A3 Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # ELS-515SURWA/S530-A3
Description  0.52 Single Digit Displays
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELS-515SURWA/S530-A3 Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  ELS-515SURWA/S530-A3 Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELS-515SURWA/S530-A3 Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELS-515SURWA/S530-A3 Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELS-515SURWA/S530-A3 Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELS-515SURWA/S530-A3 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELS-515SURWA/S530-A3 Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELS-515SURWA/S530-A3 Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
0.52" Single Digit Displays
ELS-515SURWA/S530-A3
█ Typical Electro-Optical Characteristic Curves:
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev. : 2
Page: 4 of 6
Device Number :CDDS-515-010
Prepared date:2004/06/25
Prepared by: YanLi Zhong


Similar Part No. - ELS-515SURWA/S530-A3

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELS-515SYGWA EVERLIGHT-ELS-515SYGWA Datasheet
110Kb / 6P
   0.52 Single Digit Displays
ELS-515SYGWA/S530-E2 EVERLIGHT-ELS-515SYGWA/S530-E2 Datasheet
110Kb / 6P
   0.52 Single Digit Displays
More results

Similar Description - ELS-515SURWA/S530-A3

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELS-516SURWA EVERLIGHT-ELS-516SURWA Datasheet
123Kb / 7P
   0.52 Single Digit Displays
logo
List of Unclassifed Man...
S515EWA ETC-S515EWA Datasheet
139Kb / 5P
   0.52 SINGLE DIGIT DISPLAYS
logo
Everlight Electronics C...
ELS-515SYGWA EVERLIGHT-ELS-515SYGWA Datasheet
110Kb / 6P
   0.52 Single Digit Displays
ELS-515USOWA EVERLIGHT-ELS-515USOWA Datasheet
111Kb / 6P
   0.52 Single Digit Displays
ELS-516SYGWA EVERLIGHT-ELS-516SYGWA Datasheet
112Kb / 6P
   0.52 Single Digit Displays
ELS-516USOWA EVERLIGHT-ELS-516USOWA Datasheet
114Kb / 6P
   0.52 Single Digit Displays
FND5910 EVERLIGHT-FND5910 Datasheet
199Kb / 5P
   0.52 Dual Digit Displays
logo
Unity Opto Technology
UVS-54XA UOT-UVS-54XA Datasheet
66Kb / 5P
   0.52 inch ( 13.2 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
logo
PARA LIGHT ELECTRONICS ...
C-521SR PARALIGHT-C-521SR Datasheet
147Kb / 10P
   0.52 INCH SINGLE DIGIT DISPLAY
logo
China Semiconductor Cor...
CSS-516B7 CHINASEMI-CSS-516B7 Datasheet
185Kb / 6P
   0.52 Inch Single Digit Display
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com