Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ELS-321SURWA Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part No. ELS-321SURWA
Description  0.3 Single Digit Displays
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EVERLIGHT [Everlight Electronics Co., Ltd]
Homepage  http://www.everlight.com
Logo 

ELS-321SURWA Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

   
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
0.3" Single Digit Displays
ELS-321SURWA/S530-A3
Package Dimensions
Notes: 1.All dimensions are in millimeters , tolerance is 0.25mm unless otherwise noted.
2.Above specification may be changed without notice.
Supplier will reserve authority on material change for above specification.
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev. : 1
Page: 2 of 6
Device Number :CDDS-321-011
Prepared date:2005/8/11
Prepared by: YanLi Zhong


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ELD-305USOWA0.3 inch Dual Digit Displays 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
S1005USOWA-S530-A3Technical Data Sheet 1.0" Single Digit Displays 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
ELD-305SYGWA0.3 inch Dual Digit Displays 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
ELSS-512SYGWA0.56 Single Digit SMD Displays 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
S1006SURWA-S530-A3Technical Data Sheet 1.0" Single Digit Displays 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
ELD-305SURWA0.3 inch Dual Digit Displays 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
ELS-1006SYGWA/S530-E2Technical Data Sheet 1.0" Single Digit Displays 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
ELS-432GWATechnical Data Sheet 0.39 Single Digit Displays 1 2 3 4 5 Everlight Electronics Co., Ltd
S2325SURWA-S530-A3Technical Data Sheet 2.24" Single Digit Displays 1 2 3 4 5 MoreEverlight Electronics Co., Ltd

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn