Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ELS-316USOWA Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part No. ELS-316USOWA
Description  0.36 Single Digit Displays
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EVERLIGHT [Everlight Electronics Co., Ltd]
Homepage  http://www.everlight.com
Logo 

ELS-316USOWA Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

   
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
0.36" Single Digit Displays
ELS-316USOWA/S530-A3
█ Reliability test items and conditions:
The reliability of products shall be satisfied with items listed below.
Confidence level:97%
LTPD:3%
NO
Item
Test Conditions
Test
Hours/Cycle
Sample Size
Failure
Judgment
Criteria
Ac/Re
1
Solder Heat
TEMP : 260℃ ± 5 ℃
5 SEC
76 PCS
0/1
H : +85℃ 30min
2
Temperature Cycle
∫ 5 min
50 CYCLE
76 PCS
0/1
L : -55℃ 30min
H : +100℃ 5min
3
Thermal Shock
∫ 10 sec
50 CYCLE
76 PCS
0/1
L : -10℃ 5min
4
High Temperature Storage
TEMP : 100℃
1000 HRS
76 PCS
0/1
5
Low Temperature Storage
TEMP : -55℃
1000 HRS
76 PCS
0/1
6
DC Operating Life
IF = 10 mA
1000 HRS
76 PCS
0/1
7
High Temperature / High
Humidity
85℃/85% RH
1000 HRS
76 PCS
0/1
Note: Ivt:The test Iv value of the chip before the reliablility test
Iv:The test value of the chip that has completed the reliablility test
U:Upper Specification Limit
L: Lower Specification Limit
http : //www.everlight.com
Rev. : 1
Page: 5 of 6
Device Number :CDDS-316-058
Prepared date:2007/5/7
Prepared by: YanLi Zhong
Iv≦Ivt*0.5
or
Vf≧U
or
Vf≦L
EVERLIGHT ELECTRONICS CO.,LTD.


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ELS-315SURWA0.36 Single Digit Displays 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
ELS-315SYGWA0.36 Single Digit Displays 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
ELS-316SURWA0.36 Single Digit Displays 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
ELS-316SYGWA0.36 Single Digit Displays 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
ELSS-406SYGWA0.39 Single Digit SMD Displays 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
ELSS-405SYGWA0.39 Single Digit SMD Displays 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
ELSS-505SYGWA0.51 Single Digit SMD Displays 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
ELSS-506SYGWA0.51 Single Digit SMD Displays 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
S816USOWA-S530-A3Technical Data Sheet 0.8" Single Digit Displays 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
ELSD-405SYGWA0.39 Single Digit SMD Displays 1 2 3 4 5 MoreEverlight Electronics Co., Ltd

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn