Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PO74G14A Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # PO74G14A
Description  HEX SCHMITT-TRIGGER INVERTERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PO74G14A Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  PO74G14A Datasheet HTML 1Page - List of Unclassifed Manufacturers PO74G14A Datasheet HTML 2Page - List of Unclassifed Manufacturers PO74G14A Datasheet HTML 3Page - List of Unclassifed Manufacturers PO74G14A Datasheet HTML 4Page - List of Unclassifed Manufacturers PO74G14A Datasheet HTML 5Page - List of Unclassifed Manufacturers PO74G14A Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
Copyright © 2005-2006, Potato Semiconductor Corporation
54, 74 Series GHz Logic
PO54G14A, PO74G14A
HEX SCHMITT-TRIGGER INVERTERS
10/21/07
Top-Marking
Ordering Information
Ordering Code
Package
14pin SOIC
Tube
Pb-free & Green
14pin SOIC
Tape and reel
Pb-free & Green
PO74G14ASU
PO74G14AS
PO74G14AS
PO74G14ASR
-40°C to 85°C
-40°C to 85°C
14pin SOIC
Tube
Pb-free & Green
14pin SOIC
Tape and reel
Pb-free & Green
PO74G14ASiU
PO74G14ASi
PO74G14ASi
PO74G14ASiR
-40°C to
-40°C to
14pin Leadless
Ceramic Chip Carrier
PO54G14ALU
PO54G14AL
20pin Ceramic
Dual Flatpack
Tube
Pb-free & Green
Tube
Pb-free & Green
PO54G14AFU
PO54G14AF
-55°C to 125° C
-55°C to 125° C
125° C
125° C
TA
Denotes dimensions in inches
Denotes dimensions in millimenters
X.XX
X.XX
X.XX
X.XX
0.080 (2,03)
0.064 (1,63)
12
13
1
3
2
18
17
16
14
13
12
15
11
9
10
4
6
7
8
5
Packaging Mechanical Drawing: 20pin Ceramic Dual Flatpack
0.055 (1,40)
0.045 (1,14)
0.358 (9,09)
0.342 (8,69)
0.358 (9,09)
0.307 (7,80)
0.028 (0,71)
0.022 (0,54)
0.050 (1,27)
0.045 (1,14)
0.045 (1,14)
0.035 (0,89)
0.035 (0,89)
0.020 (0,51)
0.010 (0,25)
0.020 (0,51)
0.010 (0,25)
IC Package Information
L
LCCC 20
N/A
N/A
N/A
N/A
N/A
N/A
N/A
55
F
CFP 14
N/A
N/A
N/A
N/A
N/A
150
PACKAGE
CODE
PACKAGE
TYPE
QTY
PER
TUBE
TAPE
WIDTH
(mm)
TAPE
PITCH
(mm)
PIN 1 LOCATION
TAPE TRAILER
LENGTH
QTY
PER REEL
TAPE LEADER
LENGTH
S
SOIC 14
16
8
Top Left Corner
39 (12”)
3000
64 (20”)
55


Similar Part No. - PO74G14A

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO74G14A POTATO-PO74G14A Datasheet
519Kb / 6P
   HEX SCHMITT-TRIGGER INVERTERS
PO74G14ASiR POTATO-PO74G14ASiR Datasheet
519Kb / 6P
   HEX SCHMITT-TRIGGER INVERTERS
PO74G14ASiU POTATO-PO74G14ASiU Datasheet
519Kb / 6P
   HEX SCHMITT-TRIGGER INVERTERS
PO74G14ASR POTATO-PO74G14ASR Datasheet
519Kb / 6P
   HEX SCHMITT-TRIGGER INVERTERS
PO74G14ASU POTATO-PO74G14ASU Datasheet
519Kb / 6P
   HEX SCHMITT-TRIGGER INVERTERS
More results

Similar Description - PO74G14A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV14A TI-SN54LV14A Datasheet
647Kb / 16P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74LVC14 HITACHI-HD74LVC14 Datasheet
36Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Renesas Technology Corp
HD74LVC14 RENESAS-HD74LVC14 Datasheet
193Kb / 6P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54HC14 TI-SN54HC14 Datasheet
77Kb / 15P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74AHC14 UTC-U74AHC14_15 Datasheet
182Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74HC14FH HITACHI-HD74HC14FH Datasheet
44Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54LV14 TI-SN54LV14 Datasheet
117Kb / 6P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_08 Datasheet
686Kb / 19P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_07 Datasheet
562Kb / 20P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74LVC14A UTC-U74LVC14A Datasheet
170Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Renesas Technology Corp
RD74LVC14B RENESAS-RD74LVC14B Datasheet
64Kb / 7P
   Hex Schmitt-trigger Inverters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com