Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1006SYGWA-S530-E2 Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # S1006SYGWA-S530-E2
Description  Technical Data Sheet 1.0" Single Digit Displays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

S1006SYGWA-S530-E2 Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  S1006SYGWA-S530-E2 Datasheet HTML 1Page - Everlight Electronics Co., Ltd S1006SYGWA-S530-E2 Datasheet HTML 2Page - Everlight Electronics Co., Ltd S1006SYGWA-S530-E2 Datasheet HTML 3Page - Everlight Electronics Co., Ltd S1006SYGWA-S530-E2 Datasheet HTML 4Page - Everlight Electronics Co., Ltd S1006SYGWA-S530-E2 Datasheet HTML 5Page - Everlight Electronics Co., Ltd S1006SYGWA-S530-E2 Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
1.0" Single Digit Displays
ELS-1006SYGWA/S530-E2
Package Dimensions
Notes: 1.All dimensions arein millimeters, tolerance is 0.25mm unless otherwise noted.
2.Above specification may be changed without notice.
Supplier will reserve authority on material change for above specification.
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev. : 1
Page: 2 of 6
Device Number :CDDS-100-027
Prepared date:2005/7/11
Prepared by: YanLi Zhong


Similar Part No. - S1006SYGWA-S530-E2

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
S1006SURWA-S530-A3 EVERLIGHT-S1006SURWA-S530-A3 Datasheet
140Kb / 7P
   Technical Data Sheet 1.0" Single Digit Displays
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com