Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S816USOWA-S530-A3 Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part No. S816USOWA-S530-A3
Description  Technical Data Sheet 0.8" Single Digit Displays
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EVERLIGHT [Everlight Electronics Co., Ltd]
Homepage  http://www.everlight.com
Logo 

S816USOWA-S530-A3 Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
0.8" Single Digit Displays
ELS-816USOWA/S530-A3
█ Absolute maximum ratings at Ta = 25℃:
Parameter
Symbol
Rating
Unit
Reverse Voltage
VR
5V
Forward Current
IF
25
mA
Operating Temperature
Topr
-40 to +85
Storage Temperature
Tstg
-40 to +100
Soldering Temperature *
Tsol
260 ± 5
Electrostatic Discharge
ESD
2000
V
Power Dissipation
Pd
60
mW
Note: *Soldering time ≦ 5 seconds.
█ Electronic optical characteristics :
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
----
6.0
----
mcd
IF=2mA
Luminous
11.0
24.0
----
mcd
IF=10mA
----
1.5
----
mcd
IF=2mA
3.0
6.0
----
mcd
IF=10mA
Peak Wavelength
λp
----
621
----
nm
IF=20mA
Dominant Wavelength
λd
----
615
----
nm
IF=20mA
△λ
----
18
----
nm
IF=20mA
Forward Voltage
VF
-----
2.0
2.4
V
IF=20mA
Reverse Current
IR
----
----
100
μA
VR=5V
EVERLIGHT ELECTRONICS CO.,LTD. http : //www.everlight.com
Rev. : 1
Page: 3 of 6
Device Number :CDDS-816-016
Prepared date:2007/5/7
Prepared by: YanLi Zhong
Iv
Spectrum Radiation
Bandwidth
Intensity
Per segment
Per decimal point


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ELS-432GWATechnical Data Sheet 0.39 Single Digit Displays 1 2 3 4 5 Everlight Electronics Co., Ltd
3294-15SURCTechnical Data Sheet 3.0mm Round Type LED Lamps 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
ELSD-405SYGWA0.39 Single Digit SMD Displays 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
ELSS-511SYGWA0.56 Single Digit SMD Displays 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
EL817LTechnical Data Sheet Photocoupler 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
ELSS-512SYGWA0.56 Single Digit SMD Displays 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
IR313Technical Data Sheet 4.7mm Round Non-flange Infrared LED 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
SIR333CTechnical Data Sheet 5mm Infrared LED T-1 3/4 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
HIR19-21CTechnical Data Sheet 0.8mm Height Flat Top Infrared LED 1 2 3 4 5 MoreEverlight Electronics Co., Ltd

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn