Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4703EA Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA4703EA
Description  CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA4703EA Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button OPA4703EA Datasheet HTML 4Page - Burr-Brown (TI) OPA4703EA Datasheet HTML 5Page - Burr-Brown (TI) OPA4703EA Datasheet HTML 6Page - Burr-Brown (TI) OPA4703EA Datasheet HTML 7Page - Burr-Brown (TI) OPA4703EA Datasheet HTML 8Page - Burr-Brown (TI) OPA4703EA Datasheet HTML 9Page - Burr-Brown (TI) OPA4703EA Datasheet HTML 10Page - Burr-Brown (TI) OPA4703EA Datasheet HTML 11Page - Burr-Brown (TI) OPA4703EA Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
OPA703, OPA704
8
SBOS180A
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VS = ±5V, and RL = 20kΩ, unless otherwise noted.
OPA703 SETTLING TIME vs GAIN
1
Non-Inverting Gain (V/V)
10
100
100
90
80
70
60
50
40
30
20
10
0.1%
0.01%
OPA704 SETTLING TIME vs GAIN
1
Non-Inverting Gain (V/V)
10
100
50
45
40
35
30
25
20
15
10
0.01%
0.10%
V
OS PRODUCTION DISTRIBUTION
Voltage Offset (
µV)
25
20
15
10
5
0
OPA703 SMALL-SIGNAL OVERSHOOT (%)
vs CAPACITIVE LOAD AND GAIN
10
Load Capacitance Value (pF)
100
1k
10k
90
80
70
60
50
40
30
20
10
0
G = +1
G = –1
G = +5
OPA704 SMALL-SIGNAL OVERSHOOT (%)
vs CAPACITIVE LOAD
10
Capacitance Load (pF)
100
1k
10k
90
80
70
60
50
40
30
20
10
0
G = +5
V
OS DRIFT PRODUCTION DISTRIBUTION
Voltage Offset (
µV/°C)
25
20
15
10
5
0


Similar Part No. - OPA4703EA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4703EA TI-OPA4703EA Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA4703EA/250 TI-OPA4703EA/250 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA4703EA/250 TI1-OPA4703EA/250 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA4703EA/250G4 TI1-OPA4703EA/250G4 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA4703EA/2K5 TI-OPA4703EA/2K5 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA4703EA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
[Old version datasheet]   Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
OPA703 TI1-OPA703_16 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8624 SGMICRO-SGM8624_15 Datasheet
525Kb / 19P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8631 SGMICRO-SGM8631_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA349SA TI-OPA349SA Datasheet
1Mb / 23P
[Old version datasheet]   1A, Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
OPA354AIDBVRG4 TI1-OPA354AIDBVRG4 Datasheet
1Mb / 32P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com