Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR30A60CTFP Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SBR30A60CTFP
Description  SUPER BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR30A60CTFP Datasheet(HTML) 2 Page - Diodes Incorporated

  SBR30A60CTFP Datasheet HTML 1Page - Diodes Incorporated SBR30A60CTFP Datasheet HTML 2Page - Diodes Incorporated SBR30A60CTFP Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SBR30A60CT
SBR30A60CTFP
SBR is a registered trademark of Diodes Incorporated.
0
5
10
15
0
25
50
75
100
125
150
TC CASE TEMPERATURE (°C)
0.1
1
10
100
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
Tj=25
°C
Tj=125
°C
Tj=150
°C
Tj=75
°C
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
Figure 1: Current Derating Curve, Per Element
Figure 2: Typical Forward Characteristics, Per Element
0.1
1
10
100
0
10
20
30
40
50
60
Tj=25
°C
Tj=125
°C
Tj=150
°C
Tj=75
°C
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
Figure 3: Typical Reverse Characteristics, Per Element
Ordering Information (Note 3)
Part Number
Case
Packaging
SBR30A60CT
TO-220AB
50 pieces/tube
SBR30A60CTFP
ITO-220AB
50 pieces/tube
Notes:
3. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
YYWW
AB
30A60CTFP
SBR
SBR30A60
Document number: DS30982 Rev. 3 - 2
2 of 3
www.diodes.com
March 2008
© Diodes Incorporated
30A60CT
YYWW
AB
SBR
SBR30A60CT = Product Type Marking Code
AB = Foundry and Assembly Code
YYWW = Date Code Marking
YY = Last two digits of year, ex: 06 = 2006
WW = Week (01-52)
SBR30A60CTFP = Product Type Marking Code
AB = Foundry and Assembly Code
YYWW = Date Code Marking
YY = Last two digits of year, ex: 06 = 2006
WW = Week (01-52)


Similar Part No. - SBR30A60CTFP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR30A60CTFP DIODES-SBR30A60CTFP Datasheet
179Kb / 3P
   30A SBR Super Barrier Rectifier
SBR30A60 Rev. 2
SBR30A60CTFP DIODES-SBR30A60CTFP Datasheet
195Kb / 5P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR30A60CTFP-G DIODES-SBR30A60CTFP-G Datasheet
195Kb / 5P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR30A60CTFP-JT DIODES-SBR30A60CTFP-JT Datasheet
195Kb / 5P
   30A SBR짰 SUPER BARRIER RECTIFIER
More results

Similar Description - SBR30A60CTFP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR20A150CT DIODES-SBR20A150CT_08 Datasheet
166Kb / 3P
   SUPER BARRIER RECTIFIER
DS30967 Rev. 3 - 2
logo
List of Unclassifed Man...
SBR20A40CTF ETC1-SBR20A40CTF Datasheet
61Kb / 2P
   SUPER BARRIER RECTIFIER
logo
Diodes Incorporated
SBR1045CTL DIODES-SBR1045CTL Datasheet
79Kb / 4P
   SUPER BARRIER RECTIFIER
logo
List of Unclassifed Man...
SBR20150CT ETC-SBR20150CT Datasheet
136Kb / 3P
   SUPER BARRIER RECTIFIER
SBR40U60PT ETC1-SBR40U60PT Datasheet
80Kb / 2P
   Super barrier rectifier
SBR40U100PT ETC1-SBR40U100PT Datasheet
80Kb / 2P
   Super barrier rectifier
SBR60A60CT ETC-SBR60A60CT Datasheet
77Kb / 2P
   Super barrier rectifier
SBR60A100CT ETC-SBR60A100CT Datasheet
78Kb / 2P
   Super barrier rectifier
SBR60A150CT ETC-SBR60A150CT Datasheet
77Kb / 2P
   Super barrier rectifier
SBR10150CT ETC1-SBR10150CT Datasheet
88Kb / 3P
   Super barrier rectifier
SBR2040CT ETC2-SBR2040CT Datasheet
93Kb / 3P
   Super Barrier Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com