Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD74LVC244BFPEL Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RD74LVC244BFPEL
Description  Octal Buffers / Line Drivers with 3-state Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RD74LVC244BFPEL Datasheet(HTML) 1 Page - Renesas Technology Corp

  RD74LVC244BFPEL Datasheet HTML 1Page - Renesas Technology Corp RD74LVC244BFPEL Datasheet HTML 2Page - Renesas Technology Corp RD74LVC244BFPEL Datasheet HTML 3Page - Renesas Technology Corp RD74LVC244BFPEL Datasheet HTML 4Page - Renesas Technology Corp RD74LVC244BFPEL Datasheet HTML 5Page - Renesas Technology Corp RD74LVC244BFPEL Datasheet HTML 6Page - Renesas Technology Corp RD74LVC244BFPEL Datasheet HTML 7Page - Renesas Technology Corp RD74LVC244BFPEL Datasheet HTML 8Page - Renesas Technology Corp RD74LVC244BFPEL Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev.2.00 Feb. 17, 2005 page 1 of 8
RD74LVC244B
Octal Buffers / Line Drivers with 3-state Outputs
REJ03D0220–0200
Rev.2.00
Feb. 17, 2005
Description
The RD74LVC244B has eight line drivers with three state outputs in a 20 pin package. This device is a non-inverting
buffer and has two active low enables (1
G and 2G). Each enable independently controls four buffers. Low voltage and
high-speed operation is suitable at the battery drive product (note type personal computer) and low power consumption
extends the life of a battery for long time operation.
Features
• V
CC = 1.65 V to 5.5 V
• All inputs V
IH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
• All outputs V
OUT (Max.) = 5.5 V (@VCC = 0 V or output off state)
• Typical V
OL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25°C)
• Typical V
OH undershoot > 2.0 V (@VCC = 3.3 V, Ta = 25°C)
• High output current
±4 mA (@VCC = 1.65 V)
±8 mA (@VCC = 2.3 V)
±12 mA (@VCC = 2.7 V)
±24 mA (@VCC = 3.0 V to 5.5 V)
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
RD74LVC244BFPEL
SOP–20 pin (JEITA)
PRSP0020DD–B
(FP–20DAV)
FP
EL (2,000 pcs/reel)
RD74LVC244BTELL
TSSOP–20 pin
PTSP0020JB–A
(TTP–20DAV)
T
ELL (2,000 pcs/reel)
Function Table
Inputs
G
A
Output Y
H
X
Z
L
H
H
L
L
L
H: High level
L: Low level
X: Immaterial
Z: High impedance


Similar Part No. - RD74LVC244BFPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74LVC244BFPEL RENESAS-RD74LVC244BFPEL Datasheet
112Kb / 11P
   Octal Buffers / Line Drivers with 3-state Outputs
More results

Similar Description - RD74LVC244BFPEL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F240 FAIRCHILD-74F240_04 Datasheet
82Kb / 8P
   Octal Buffers/Line Drivers with 3-STATE Outputs
logo
Hitachi Semiconductor
HD74BC540A HITACHI-HD74BC540A Datasheet
38Kb / 8P
   Octal Buffers/Line Drivers With 3 State Outputs
HD74BC541A HITACHI-HD74BC541A Datasheet
38Kb / 8P
   Octal Buffers/Line Drivers With 3 State Outputs
HD74HC540 HITACHI-HD74HC540 Datasheet
51Kb / 9P
   Octal Buffers/Line Drivers (with 3-state outputs)
logo
Renesas Technology Corp
RD74LVC540B RENESAS-RD74LVC540B Datasheet
83Kb / 9P
   Octal Buffers / Line Drivers with 3-state Outputs
HD74HCT540 RENESAS-HD74HCT540 Datasheet
112Kb / 9P
   Octal Buffers/Line Drivers (with 3-state outputs)
HD74HC540 RENESAS-HD74HC540_15 Datasheet
132Kb / 11P
   Octal Buffers/Line Drivers (with 3-state outputs)
logo
Texas Instruments
54AC11241 TI1-54AC11241_09 Datasheet
105Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74BC244A HITACHI-HD74BC244A Datasheet
38Kb / 8P
   Octal Buffers/Line Drivers With 3 State Outputs
HD74LVC244A HITACHI-HD74LVC244A Datasheet
47Kb / 9P
   Octal Buffers / Line Drivers with 3-state Outputs
HD74LVC540A HITACHI-HD74LVC540A Datasheet
48Kb / 9P
   Octal Buffers / Line Drivers with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com