Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2335 Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA2335
Description  0.05 mV/째C MAX, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2335 Datasheet(HTML) 1 Page - Burr-Brown (TI)

  OPA2335 Datasheet HTML 1Page - Burr-Brown (TI) OPA2335 Datasheet HTML 2Page - Burr-Brown (TI) OPA2335 Datasheet HTML 3Page - Burr-Brown (TI) OPA2335 Datasheet HTML 4Page - Burr-Brown (TI) OPA2335 Datasheet HTML 5Page - Burr-Brown (TI) OPA2335 Datasheet HTML 6Page - Burr-Brown (TI) OPA2335 Datasheet HTML 7Page - Burr-Brown (TI) OPA2335 Datasheet HTML 8Page - Burr-Brown (TI) OPA2335 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
BurrBrown Products
from Texas Instruments
FEATURES
DESCRIPTION
APPLICATIONS
Offset Voltage −
µV
G001
Offset Voltage Drift −
µV/°C
G002
Absolute Value;
Centered Around Zero
OPA2335M
SGLS320 – SEPTEMBER 2006
0.05
µV/°C MAX, SINGLE-SUPPLY CMOS
OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
Low Offset Voltage: 5
µV (max)
The OPA2335 CMOS operational amplifier uses
auto-zeroing techniques to simultaneously provide
Zero Drift: 0.02
µV/°C (typ)
very low offset voltage (5
µV max), and near-zero
Quiescent Current: 570
µA
drift over time and temperature. This high-precision,
Single-Supply Operation
low quiescent current amplifier offers high input
Ceramic DIP Package
impedance and rail-to-rail output swing. Single or
dual supplies as low as 2.7 V (
±1.35 V) and up to 5.5
V (
±2.75 V) may be used. This op amp is optimized
for low-voltage, single-supply operation.
Transducer Applications
The OPA2335 is available in a CDIP-8 package and
Temperature Measurement
is specified for operation from –55
°C to 125°C.
Electronic Scales
Medical Instrumentation
Battery-Powered Instruments
Handheld Test Equipment
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA2335

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2335 BURR-BROWN-OPA2335 Datasheet
354Kb / 18P
   0.05UV/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS
OPA2335 BURR-BROWN-OPA2335 Datasheet
1Mb / 30P
   0.05關V/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS
OPA2335AID BURR-BROWN-OPA2335AID Datasheet
354Kb / 18P
   0.05UV/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS
OPA2335AID BURR-BROWN-OPA2335AID Datasheet
1Mb / 30P
   0.05關V/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2335AID TI1-OPA2335AID Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
More results

Similar Description - OPA2335

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
OPA335 NSC-OPA335 Datasheet
1Mb / 32P
   0.05關V/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
logo
Burr-Brown (TI)
OPA334 BURR-BROWN-OPA334_12 Datasheet
1Mb / 30P
   0.05關V/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA734 TI-OPA734 Datasheet
469Kb / 18P
[Old version datasheet]   SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
OPA2335AIDGKRG4 TI1-OPA2335AIDGKRG4 Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
logo
New Japan Radio
NJU7098AF1-C NJRC-NJU7098AF1-C Datasheet
1Mb / 16P
   0.05μV/°C max, Zero-Drift, Single Supply, Rail-to-Rail Output CMOS Operational Amplifier
Ver.1.0
NJU7098A NJRC-NJU7098A Datasheet
1,018Kb / 13P
   0.05μV/°C max, Zero-Drift, Single Supply Rail-to-Rail Output CMOS Operational Amplifier
Ver.02
logo
Burr-Brown (TI)
OPA335 BURR-BROWN-OPA335 Datasheet
354Kb / 18P
   0.05UV/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS
logo
Linear Technology
LTC1052 LINER-LTC1052_15 Datasheet
856Kb / 24P
   Zero-Drift Operational Amplifier
logo
Asahi Kasei Microsystem...
AK2970H AKM-AK2970H Datasheet
424Kb / 10P
   Zero Drift Operational Amplifier
logo
ON Semiconductor
NCS325 ONSEMI-NCS325_16 Datasheet
762Kb / 15P
   Zero-Drift Operational Amplifier
October, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com