Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX5631 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part No. MAX5631
Description  16-Bit DACs with 32-Channel Sample-and-Hold Outputs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5631 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX5631_06 Datasheet HTML 8Page - Maxim Integrated Products MAX5631_06 Datasheet HTML 9Page - Maxim Integrated Products MAX5631_06 Datasheet HTML 10Page - Maxim Integrated Products MAX5631_06 Datasheet HTML 11Page - Maxim Integrated Products MAX5631_06 Datasheet HTML 12Page - Maxim Integrated Products MAX5631_06 Datasheet HTML 13Page - Maxim Integrated Products MAX5631_06 Datasheet HTML 14Page - Maxim Integrated Products MAX5631_06 Datasheet HTML 15Page - Maxim Integrated Products MAX5631_06 Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
16-Bit DACs with 32-Channel
Sample-and-Hold Outputs
14
______________________________________________________________________________________
Figure 7. Typical Operating Circuit
CS
DIN
SCLK
IMMED
CLKSEL
REF
GS
RST
ECLK
VLOGIC
VLDAC
VLSHA
0.1
µF
+5V
0.1
µF
+10V
VDD
MAX5631
MAX5632
MAX5633
OUT31
OUT0
OUT1
DGND
AGND
0.1
µF
VSS
CL
+2.5V
-4V
Pin Configurations (continued)
38
39
40
41
42
43
44
45
46
47
THIN QFN
TOP VIEW
35
36
37
48
49
50
11
10
9
8
7
6
5
4
3
2
16
15
14
13
12
1
MAX5631
MAX5632
MAX5633
ECLK
CH
VSS
OUT20
OUT19
OUT18
OUT17
OUT16
AGND
VDD
OUT15
OUT14
OUT13
OUT12
OUT11
CL
IMMED
VLOGIC
SCLK
DIN
CS
VSS
17
N.C.
AGND
VLSHA
DGND
CLKSEL
RST
VLDAC
GS
N.C.
VDD
51 N.C.
N.C.


Similar Part No. - MAX5631_06

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX5631UCB MAXIM-MAX5631UCB Datasheet
690Kb / 16P
   16-Bit DACs with 32-Channel Sample-and-Hold Outputs
Rev 3; 1/05
MAX5631UTK MAXIM-MAX5631UTK Datasheet
690Kb / 16P
   16-Bit DACs with 32-Channel Sample-and-Hold Outputs
Rev 3; 1/05
More results

Similar Description - MAX5631_06

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX5631 MAXIM-MAX5631 Datasheet
690Kb / 16P
   16-Bit DACs with 32-Channel Sample-and-Hold Outputs
Rev 3; 1/05
MAX5331 MAXIM-MAX5331 Datasheet
900Kb / 16P
   12-Bit DACs with 32-Channel Sample-and-Hold Outputs
19-3563; Rev 1; 5/05
MAX5621 MAXIM-MAX5621_06 Datasheet
363Kb / 16P
   16-Bit DACs with 16-Channel Sample-and-Hold Outputs
Rev 2; 1/06
Analog Devices
Analog Devices
AD5533 AD-AD5533 Datasheet
224Kb / 16P
   32-Channel Infinite Sample-and-Hold
REV. 0
AD5533 AD-AD5533_15 Datasheet
288Kb / 16P
   32-Channel Infinite Sample-and-Hold
REV. A
AD5533B AD-AD5533B Datasheet
353Kb / 16P
   32-Channel Precision Infinite Sample-and-Hold
REV. A
AD5533B AD-AD5533B_15 Datasheet
229Kb / 16P
   32-Channel Precision Infinite Sample-and-Hold
REV. A
AD883B AD-AD883B_15 Datasheet
297Kb / 7P
   Precision Sample and Hold with 16 Channel Multiplexer
REV. A
AD5532B AD-AD5532B Datasheet
443Kb / 16P
   32-Channel, 14-Bit DAC with Precision Infinite Sample-and-Hold Mode
REV. A
Intersil Corporation
Intersil Corporation
HI-5046A INTERSIL-HI-5046A Datasheet
892Kb / 12P
   Sample and Hold
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz